Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA66FCA-R

  • AI
    The **MA66FCA-R** is an integrated circuit (IC) primarily designed by **MDT (Micro Design Technology)**. It is a member of the 8-bit microcontroller family, specifically engineered for cost-effective consumer electronics, remote controls, and small household appliances. --- ## 1. Core Technical Specifications The device is based on a RISC-like architecture optimized for low power consumption and high efficiency in simple control tasks. | Feature | Specification | | :--- | :--- | | **Architecture** | 8-bit RISC | | **Operating Voltage** | 2.2V to 5.5V | | **Program Memory** | 1K - 2K words (OTP/ROM based on specific sub-variant) | | **RAM** | ~64 to 128 bytes | | **I/O Pins** | Typically 12 to 18 GPIO (Package dependent) | | **Oscillator Type** | Internal RC or External Crystal | --- ## 2. Key Internal Components The MA66FCA-R integrates several functional blocks that reduce the need for external components: ### A. Timer/Counter Modules It usually includes 8-bit or 16-bit timers used for: * Generating PWM (Pulse Width Modulation) for motor or LED control. * Time-base generation for system interrupts. ### B. Power Management * **Sleep Mode:** Reduces current draw to micro-ampere levels, making it ideal for battery-operated devices. * **WDT (Watchdog Timer):** An internal safety mechanism that resets the MCU if the software hangs. * **LVR (Low Voltage Reset):** Ensures the chip resets if the power supply drops below a stable operating threshold. ### C. Input/Output (I/O) * The pins are multi-functional, supporting programmable pull-up resistors. * High-sink current capabilities allow the chip to drive LEDs directly in some configurations. --- ## 3. Common Applications Due to its small footprint and low cost, the MA66FCA-R is frequently found in: 1. **Infrared (IR) Remote Controls:** Utilizing the built-in carrier frequency generators. 2. **LED Lighting Controllers:** Simple color-changing or dimming sequences. 3. **Small Toys:** Managing sound triggers and motor movements. 4. **Security Sensors:** Low-power PIR (Passive Infrared) motion detectors. --- ## 4. Typical Pin Configuration (SOP/DIP Package) | Pin Name | Function Description | | :--- | :--- | | **VDD / VSS** | Positive Power Supply and Ground. | | **PA0 - PA7** | Port A Digital I/O pins. | | **RESET** | External reset pin (usually active low). | | **OSC1 / OSC2** | Connections for external resonator or crystal. | ---
    ✨ Follow-up Questions
    • ⤷ What are the programming tools required for the MA66FCA-R?
    • ⤷ How does the MA66FCA-R compare to an Atmel ATtiny in terms of power?
    • ⤷ Can this microcontroller handle analog-to-digital conversion (ADC)?