Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA66TAD-R

  • AI
    The **MA66TAD-R** is an electronic component primarily classified as a **Melody Integrated Circuit (IC)**. It is part of the MA66T series, which are CMOS LSIs designed for use in toys, doorbells, and greeting cards to produce specific musical tunes. --- ### 1. General Specifications The MA66T series is known for its low power consumption and simple application circuit, requiring minimal external components to function. | Feature | Specification | | :--- | :--- | | **Function** | Melody Generator / Music IC | | **Technology** | CMOS (Low Power) | | **Package Type** | TO-92 (standard 3-pin transistor style) | | **Operating Voltage** | 1.5V to 4.5V DC | | **Output Type** | Piezobuzzer or Speaker (via transistor) | --- ### 2. Pin Configuration The device typically comes in a 3-pin package, making it look like a standard transistor (BC547 or 2N2222). | Pin Number | Name | Description | | :---: | :--- | :--- | | 1 | **VSS** | Ground (Negative supply) | | 2 | **VDD** | Power Supply (Positive) | | 3 | **OUT** | Melody Output signal | --- ### 3. Key Characteristics * **Internal Oscillator:** It features a built-in RC oscillator, so no external crystal is required. * **Power-On Reset:** The melody starts playing as soon as power is applied. * **One-Shot or Repeat:** Depending on the specific sub-model, it may play the tune once or loop continuously. * **Direct Drive:** It can drive a small piezo element directly, though an NPN transistor is recommended for driving an 8-ohm speaker. --- ### 4. Typical Application Circuit To use this IC with a speaker, a simple driver circuit is required because the IC output current is too low for a coil-based speaker. ```markdown [VDD (3V)] ----+-----------+ | | [IC] [Speaker] /VDD \ | | | [Collector] [VSS]-----| VSS | / | OUT |----[Base] (NPN Transistor) \____/ \ [Emitter] | [VSS] ``` --- ### 5. Common Uses * Musical greeting cards. * Toys and electronic gifts. * Doorbell chimes. * Simple alarm indicators.
    ✨ Follow-up Questions
    • ⤷ What specific melody is programmed into the MA66TAD-R version?
    • ⤷ How can I increase the volume of the melody output?
    • ⤷ What is the maximum voltage the MA66T series can handle before failing?