Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA66TCX-R

  • AI
    The **MA66TCX-R** is an advanced automotive sensor, specifically a **Tire Pressure Monitoring System (TPMS)** transmitter module. These devices are integrated into wheel assemblies to provide real-time data regarding tire health to the vehicle's Engine Control Unit (ECU). --- ## 1. Core Functional Components The MA66TCX-R is an integrated System-in-Package (SiP) that combines several electronic disciplines: | Component | Function | | :--- | :--- | | **MEMS Pressure Sensor** | A micro-electromechanical system that measures absolute air pressure within the tire. | | **Accelerometer** | Detects motion/centrifugal force to switch the device from "Sleep Mode" to "Active Mode" to save battery. | | **Microcontroller (MCU)** | The "brain" that processes sensor data and manages power cycles. | | **RF Transmitter** | Broadcasts data packets (usually at 315MHz or 433MHz) to the vehicle's receiver. | | **LF Receiver** | Low-frequency (125kHz) interface used for trigger-tool activation and programming. | --- ## 2. Technical Specifications While specific datasheets are often proprietary to manufacturers like **Sensata (Schrader)** or **Continental**, typical specifications for this class of electronic part include: ### Power Management * **Battery:** Lithium coin cell (CR2032 or similar high-temp variant). * **Operational Life:** Typically 5 to 10 years. * **Quiescent Current:** Extremely low (nano-amp range) when the vehicle is parked. ### Communication Protocols * **Modulation:** FSK (Frequency Shift Keying) or ASK (Amplitude Shift Keying). * **Data Payload:** Includes a unique Sensor ID, Pressure, Temperature, and Battery Status. --- ## 3. Electronic Architecture Diagram The following represents the internal logic flow of the MA66TCX-R: ```mermaid graph LR A[MEMS Sensor] --> B[MCU/Logic] C[Accelerometer] --> B D[LF 125kHz Coil] --> B B --> E[RF 433MHz Stage] E --> F[Antenna] G[Lithium Battery] --> B ``` --- ## 4. Key Electronic Features * **Temperature Compensation:** The electronics include an internal thermistor to adjust pressure readings based on air temperature, preventing false alerts due to cold weather. * **ASIC Integration:** Most of the functions are consolidated into an Application-Specific Integrated Circuit (ASIC) to reduce size and weight, which is critical for wheel balance. * **Potting Compound:** The entire PCB is usually encased in a hard epoxy resin (potting) to protect the components from extreme G-forces, moisture, and road salt. ---
    ✨ Follow-up Questions
    • ⤷ What are the common failure modes for the MA66TCX-R electronics?
    • ⤷ How does the LF 125kHz trigger interact with the sensor's MCU?
    • ⤷ Can the firmware on these TPMS sensors be updated wirelessly?