Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA68TAX-R

  • AI
    The **MA68TAX-R** refers to a specific variation of a mechanical keyboard switch produced by **Matrix** (often associated with high-end custom mechanical keyboard components). It is part of their linear switch series, specifically designed for high-performance gaming and smooth typing experiences. --- ### 🛠️ Technical Specifications Below are the electronic and mechanical characteristics typically associated with the MA68TAX-R: | Specification | Details | | :--- | :--- | | **Switch Type** | Linear (Smooth travel, no tactile bump) | | **Actuation Force** | ~45gf - 50gf (Medium-light weight) | | **Bottom-out Force** | ~60gf - 63.5gf | | **Total Travel** | 3.6mm - 4.0mm | | **Stem Material** | Modified POM or POK (Low friction) | | **Housing Material** | Nylon PA66 or PC (Polycarbonate) | | **Spring Type** | Gold-plated Stainless Steel (often long/slow curve) | | **Mounting Type** | 5-Pin PCB Mount (Supports 3-pin with modification) | --- ### ⚡ Key Electronic Features 1. **Gold-Plated Contact Points:** The "heart" of the electronic component is the cross-point contact leaf. These are typically gold-plated to ensure high conductivity and to prevent oxidation over time, which ensures the switch registers keypresses reliably for millions of cycles. 2. **Debounce Management:** The leaf design is optimized to minimize "chatter" (unintended double presses). In the context of the MA68TAX-R, the leaf tension is balanced to allow for fast reset times, which is critical for gaming. 3. **LED Compatibility:** The housing usually features a "slot" or a clear top to allow for **SMD (Surface Mount Device) LEDs** or through-hole LEDs. This allows the electronic backlighting of the PCB to shine through the switch housing. --- ### 🏗️ Construction and Materials * **The Stem:** Designed with a box-style or high-stability rail to reduce "wobble," ensuring that when you press the key, the electronic contact is made at the exact same point every time. * **Factory Lubrication:** Many versions of this switch come factory-lubed with Krytox-grade oils on the leaf and sliders to reduce acoustic noise and electronic friction. * **Pins:** The two metal pins at the bottom complete the circuit on the Keyboard PCB when the stem is depressed. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 3-pin and 5-pin PCB mount?
    • ⤷ How does the spring weight affect the actuation speed in linear switches?
    • ⤷ What are the advantages of using POM material for switch stems?