Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA6HFBD-R

  • AI
    The **MA6HFBD-R** is a high-precision, high-frequency surface-mount (SMD) quartz crystal oscillator. These components are primarily used to provide a stable clock signal for digital circuits, particularly in automotive and industrial applications where reliability is critical. --- ### 1. Technical Specifications The part number typically decodes into specific parameters. Here is a breakdown of the electronic characteristics common to this series: | Parameter | Typical Value / Range | | :--- | :--- | | **Frequency Range** | 1.000 MHz to 150.000 MHz | | **Supply Voltage (Vcc)** | 1.8V, 2.5V, or 3.3V (±10%) | | **Output Type** | CMOS / HCMOS | | **Frequency Stability** | ±25ppm to ±100ppm | | **Operating Temperature** | -40°C to +85°C (Industrial) or +125°C (Automotive) | | **Package Size** | 2.0 x 1.6 mm or 2.5 x 2.0 mm (Miniature SMD) | --- ### 2. Key Electronic Components Inside While the device appears as a single metal-capped unit, it contains two primary internal elements: 1. **AT-Cut Quartz Crystal:** The physical resonator that vibrates at a specific frequency when an electric field is applied. 2. **Integrated Circuit (IC):** An oscillation circuit and a buffer/driver. The IC ensures the crystal starts vibrating and converts the mechanical resonance into a clean square-wave electrical signal (CMOS output). --- ### 3. Pin Configuration Most oscillators in this series utilize a standard 4-pad layout: | Pad # | Function | Description | | :--- | :--- | :--- | | **1** | OE or NC | **Output Enable** (High = Active, Low = High Impedance) or No Connection. | | **2** | GND | Ground connection. | | **3** | Output | The clock signal output (Square Wave). | | **4** | Vcc | Power supply input. | --- ### 4. Application Areas Because of its small footprint and high stability, the **MA6HFBD-R** is commonly found in: * **Automotive Systems:** ADAS (Advanced Driver Assistance Systems), Infotainment units, and Engine Control Units (ECUs). * **Networking:** Ethernet controllers, Wi-Fi modules, and high-speed routers. * **Consumer Electronics:** Wearables and smartphones where PCB space is limited. --- ### 5. Circuit Design Tip When integrating this part into a PCB, it is essential to place a **0.01µF to 0.1µF ceramic bypass capacitor** as close as possible to the Vcc (Pad 4) and GND (Pad 2) pins. This filters out high-frequency noise from the power supply, ensuring signal integrity.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific MA6HFBD-R variant?
    • ⤷ How does the 'Output Enable' pin affect power consumption in this device?
    • ⤷ What are the soldering profile requirements for this SMD package?