Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA6L1TAD-R

  • AI
    The **MA6L1TAD-R** is a specific model of an **Industrial LED Signal Tower (Stack Light)**, commonly manufactured by companies like **Menics**. These devices are critical in industrial automation to provide visual and audible status indications for machinery. Below is a detailed breakdown of its electronic components, specifications, and wiring. --- ## 1. Part Number Breakdown Understanding the nomenclature helps identify the electronic features of this specific unit: | Code | Component Segment | Description | | :--- | :--- | :--- | | **MA6** | Series | 60mm Diameter Signal Tower | | **L** | Light Source | **LED** (High intensity, low power consumption) | | **1** | Tiers | **1 Light Tier** (Single color module) | | **T** | Function | **Terminal Connection** (Screw terminals instead of lead wires) | | **AD** | Power Input | **90V to 240V AC** (Universal AC power) | | **R** | Color | **Red** | --- ## 2. Key Electronic Specifications The internal electronics are designed for rugged industrial environments, focusing on longevity and safety. ### Electrical Characteristics * **Operating Voltage:** 90V – 240V AC (50/60Hz). * **Current Consumption:** Approximately 30mA to 50mA. * **Light Source:** Multi-chip LED array for 360-degree visibility. * **Flash Rate:** Usually fixed at ~60 to 80 flashes per minute (if the "Flash" function is enabled via wiring). ### Physical & Environmental * **Protection Rating:** IP65 (Dust-tight and protected against water jets). * **Connection Type:** Internal terminal block located in the base. * **Mounting:** Direct mount or pole mount options. --- ## 3. Internal Component Analysis The MA6L1TAD-R consists of several integrated electronic sub-assemblies: ### A. LED Driver Board Since the unit operates on high-voltage AC (up to 240V), it contains an internal **AC-DC Rectifier and Buck Converter**. This steps down the voltage to a safe DC level (usually 12V or 24V) to drive the LED chips without overheating. ### B. Prism-Cut Lens The red lens is not just a cover; it is "prism-cut." This electronic-optical design ensures that the light from the LEDs is refracted evenly, eliminating "blind spots" and ensuring the light is visible even in bright factory lighting. ### C. Terminal Block (The "T" Feature) Unlike cheaper models with dangling wires, the "T" version features a **PCB-mounted terminal block**. This allows for: * Easier maintenance (cables can be swapped without replacing the light). * Secure screw-down connections that resist industrial vibration. --- ## 4. Typical Wiring Diagram (Terminal Based) The electronic interface usually consists of a common line and a signal line. | Terminal Label | Function | Description | | :--- | :--- | :--- | | **L / N** | Power Input | Main AC Power Supply (Neutral and Live) | | **Red** | Signal Input | When energized, the Red LED illuminates. | | **Com** | Common | The return path for the signal logic. | ---
    ✨ Follow-up Questions
    • ⤷ Does this model support an audible buzzer/alarm in addition to the red light?
    • ⤷ What are the mounting hole dimensions for the MA6 series base?
    • ⤷ Can this unit be converted to a flashing mode via external PLC wiring?