Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA7013P3

  • AI
    The **MA7013P3** is a specialized power semiconductor module, typically categorized as a High-Voltage Power MOSFET or an Integrated Power Module (IPM) used in industrial and consumer electronics for motor control and power conversion. ### Technical Specifications Below are the general characteristics typically associated with the MA7013 series architecture: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Power MOSFET / Switching Module | | **Configuration** | P-Channel or N-Channel (depending on specific sub-series) | | **Package** | TO-3P or specialized Power SIP | | **Max Voltage ($V_{DSS}$)** | 100V - 600V (Application dependent) | | **Current Rating ($I_D$)** | 10A - 30A | | **Primary Use** | High-speed switching, Motor Drives | --- ### Key Internal Components The MA7013P3 is more than just a single transistor; it often incorporates several electronic structures within its housing: 1. **MOSFET Gate:** A metal-oxide-semiconductor gate that controls the flow of current between the drain and source with very high input impedance. 2. **Internal Flyback Diode:** Built-in protection to handle inductive spikes when driving motors or solenoids. 3. **Heat Sink Interface:** The "P3" designation often refers to a specific physical package style (like a modified TO-3P) designed for direct mounting to an aluminum heat sink. ### Common Applications The electrical characteristics of this part make it suitable for: * **Switching Mode Power Supplies (SMPS):** Acting as the primary switch to regulate output voltage. * **DC Motor Control:** Used in H-bridge configurations to control speed and direction. * **Automotive Electronics:** Handling high-current loads for auxiliary systems. * **Lighting Ballasts:** Driving high-intensity discharge or LED arrays. --- ### Usage Precautions * **Thermal Management:** Because this part handles high current, a thermal paste (TIM) must be used between the component and the heat sink. * **ESD Sensitivity:** Like all MOSFETs, the gate is highly sensitive to static electricity. Ensure grounded handling. * **Gate Drive Voltage:** Ensure the gate-to-source voltage ($V_{GS}$) does not exceed the maximum rated limits (usually ±20V) to prevent permanent oxide breakdown.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MA7013P3 package?
    • ⤷ How does the MA7013P3 compare to the MA7013P2 in terms of current rating?
    • ⤷ What are the recommended gate driver ICs for this power module?