Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA71FBA-R

  • AI
    The **MA71FBA-R** is an electronic component primarily classified as a **Magnetic Sensor** or **Hall Effect IC**, typically manufactured by companies like **Murata** or **Magnesensor Technology (MST)**. These parts are frequently used in consumer electronics for proximity sensing, such as detecting the opening/closing of a laptop lid or a mobile phone flip cover. --- ### 1. Key Technical Specifications The MA71 series is known for its high sensitivity and low power consumption. Below are the typical technical parameters: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Hall Effect Switch (Omnipolar) | | **Operating Voltage** | 1.65V to 3.5V | | **Supply Current** | ~5µA to 10µA (Ultra-low power) | | **Output Type** | CMOS Output | | **Sensitivity (Bop)** | ±1.5mT to ±3.0mT | | **Package Type** | SOT-23 or SON (Ultra-small surface mount) | | **Temperature Range** | -40°C to +85°C | --- ### 2. Functional Characteristics * **Omnipolar Operation:** The sensor detects both North and South magnetic poles. This simplifies assembly because the magnet's orientation does not need to be strictly controlled. * **Micropower Design:** Because it operates with a "clocked" internal mechanism (switching on and off internally to sample the magnetic field), it consumes very little battery life. * **Digital Output:** It provides a simple High/Low signal. When a magnet is near, the output state changes, allowing a microcontroller (MCU) to trigger an interrupt. --- ### 3. Pinout and Internal Diagram Most MA71FBA-R variants follow a standard 3-pin configuration: 1. **VDD:** Power Supply Input. 2. **VSS (GND):** Ground. 3. **OUT:** Digital output signal. ```mermaid graph LR A[Magnet] -- Magnetic Field --> B(MA71FBA-R Sensor) B --> C{Digital Output} C -->|High| D[No Magnet Detected] C -->|Low| E[Magnet Present] ``` --- ### 4. Typical Applications * **Smart Covers:** Detecting when a tablet or smartphone case is closed to turn off the screen. * **Laptops:** Detecting the lid closure to initiate "Sleep Mode." * **Security Sensors:** Door and window contact sensors for alarm systems. * **Utility Meters:** Detecting tampering or measuring rotation in water/gas meters. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an omnipolar and a unipolar Hall effect sensor?
    • ⤷ How does the 'sampling' mechanism in this chip help reduce power consumption?
    • ⤷ What are the recommended magnet types for use with the MA71FBA-R?