Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA71TBA-R

  • AI
    Based on the technical nomenclature for high-performance linear motion components, the **MA71TBA-R** typically refers to a specialized **linear actuator** or **linear motor module**, often associated with brands like **Misumi** or specialized Japanese motion control manufacturers. Below is the technical breakdown of its electronic and electromechanical components. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Linear Actuator / Motorized Slide | | **Actuation Method** | Ball Screw or Timing Belt driven (Model dependent) | | **Motor Type** | AC Servo Motor or Stepper Motor Interface | | **Feedback System** | Rotary Encoder (Incremental or Absolute) | | **Protection Class** | Typically IP40 (Indoor/Clean environment) | | **Mounting Orientation** | Horizontal or Vertical | --- ### 2. Core Electronic Parts #### A. The Drive Motor The "R" suffix often indicates a **Right-hand motor mounting** configuration or a specific **Rotary** encoder integration. * **Servo Motor:** High-end versions use a permanent magnet synchronous motor (PMSM). * **Feedback Device:** An integrated optical or magnetic encoder that tracks the position of the slide to within micrometers ($\mu m$). #### B. Limit and Home Sensors The unit typically features three electronic sensors: 1. **Positive Limit (+LS):** Prevents the carriage from crashing into the end-plate. 2. **Negative Limit (-LS):** Prevents over-travel on the opposite end. 3. **Home Sensor (ORG):** Establishes the "Zero" reference point upon system power-up. #### C. Connector Interface The electronics interface involves two primary cable sets: * **Power Cable:** Supplies 3-phase power to the motor windings. * **Signal/Encoder Cable:** Transmits differential signals (A, B, Z phases) back to the Motion Controller. --- ### 3. Electronic Control Logic To operate the MA71TBA-R, the following electronic signal chain is required: ```mermaid graph LR PLC[PLC/Controller] --> Driver[Servo Drive] Driver --> Motor[MA71TBA-R Motor] Motor --> Encoder[Feedback Loop] Encoder --> Driver ``` 1. **Pulse/Direction or Fieldbus:** The controller sends signals (EtherCAT, Modbus, or Pulse Train) to a Servo Driver. 2. **Current Regulation:** The driver converts these signals into high-frequency PWM (Pulse Width Modulation) to move the actuator. 3. **Closed-Loop Control:** The encoder provides real-time electronic position data to ensure the actuator reached the exact coordinate. --- ### 4. Application Context The **MA71TBA-R** is frequently used in: * **Pick and Place Units:** Moving electronic components onto PCBs. * **Automated Inspection:** Moving cameras/sensors over a workpiece. * **Dispensing Systems:** Precise application of adhesives or solder paste.
    ✨ Follow-up Questions
    • ⤷ What is the maximum stroke length available for the MA71TBA-R series?
    • ⤷ Which servo drivers are compatible with this specific actuator model?
    • ⤷ How do I wire the NPN/PNP limit sensors for this unit?