Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA72FAD-R

  • AI
    The **MA72FAD-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Unit**. These components are fundamental in electronics for providing a stable resonant frequency, which acts as a "heartbeat" for microprocessors and digital circuits. --- ### 1. Key Technical Specifications Below are the typical parameters for this series of crystal oscillators: | Parameter | Specification (General Range) | | :--- | :--- | | **Component Type** | Quartz Crystal (Passive) | | **Package Type** | SMD (Surface Mount Device) | | **Frequency Range** | Typically 32.768 kHz or MHz range (Model specific) | | **Load Capacitance** | Usually 7pF, 9pF, or 12.5pF | | **Frequency Tolerance** | ±10ppm to ±50ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Components The internal construction of the MA72FAD-R involves several critical parts: 1. **Quartz Blank:** A thin slice of synthetic quartz cut at a specific angle (e.g., AT-cut) to determine its vibration frequency. 2. **Electrodes:** Metallic layers (often silver or gold) deposited onto the quartz blank to apply voltage. 3. **Ceramic Package:** A robust, hermetically sealed housing that protects the delicate quartz from moisture and physical shock. 4. **Metal Lid:** Usually seam-sealed to the ceramic base to ensure a vacuum or nitrogen-filled interior for long-term stability. --- ### 3. Circuit Application In an electronic circuit, the MA72FAD-R is used in conjunction with two external capacitors and an inverter (usually integrated into a microcontroller). ```c // Typical Crystal Oscillator Circuit Layout [MCU_OSC_IN] ----+---- [Crystal (MA72FAD-R)] ----+---- [MCU_OSC_OUT] | | [Cap 1] [Cap 2] | | [GND] [GND] ``` --- ### 4. Common Use Cases * **Real-Time Clocks (RTC):** Providing accurate timekeeping for smartwatches and computers. * **Microcontroller Timing:** Driving the clock cycles for ARM, AVR, or PIC microchips. * **Wireless Communication:** Establishing stable carrier frequencies for Bluetooth or Wi-Fi modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the MA72FAD-R variant?
    • ⤷ How do I calculate the correct load capacitance for this crystal?
    • ⤷ What are the soldering temperature profiles recommended for this SMD package?