Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA72FAX-R

  • AI
    The **MA72FAX-R** is a specific model of a **Miniature Power Relay** manufactured by **Panasonic** (formerly Matsushita). It belongs to the MA series, designed for high-capacity switching in a compact form factor, commonly used in automotive and industrial control systems. --- ### 1. Key Technical Specifications The "MA" series is known for its high current handling despite its small size. Below are the typical technical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Max. Switching Current** | 20A to 30A (Application dependent) | | **Nominal Coil Voltage** | 12V DC (Standard for "72" series) | | **Contact Material** | Silver Alloy (AgSnO2) | | **Mounting Type** | PC Board (Through-hole) | | **Enclosure** | Sealed / Flux-resistant | --- ### 2. Part Number Breakdown The nomenclature for these relays usually follows a specific logic: * **MA**: Series Designation (Miniature Automotive/Power Relay). * **72**: Often refers to the specific coil sensitivity or the internal design generation/voltage code. * **FAX**: Indicates the contact material and the protective construction (e.g., high-capacity version, sealed for soldering). * **R**: Typically denotes **RoHS Compliance** or a specific resistor/diode internal surge suppression option. --- ### 3. Internal Schematic & Pins Most MA-series relays follow a standard 5-pin layout for SPDT configurations: ```text [ Coil ] [ Common ] (1) ------------ (5) | [ Coil ] / \ (2) / \ (3) [NC] (4) [NO] ``` --- ### 4. Common Applications Due to its robust switching capabilities, the MA72FAX-R is frequently found in: 1. **Automotive Electronics:** Power windows, central locking systems, and seat heaters. 2. **HVAC Systems:** Controlling fan motors and compressors. 3. **Industrial Automation:** Small motor starters and solenoid control. 4. **Household Appliances:** High-current switching in microwave ovens or washing machines. --- ### 5. Maintenance and Replacement When replacing this part, ensure the **Coil Voltage** and **Contact Rating** match exactly. If the "R" suffix in your specific unit indicates an internal resistor for EMF suppression, replacing it with a non-R version could potentially damage sensitive control electronics (like a microcontroller or BJT) due to inductive flyback.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MA72FAX-R and a standard mechanical relay?
    • ⤷ How do I test if the coil in an MA72FAX-R is still functional?
    • ⤷ Can I substitute a 12V relay with a 24V version if the footprint is the same?