Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA72FBA-R

  • AI
    The **MA72FBA-R** is an electronic component primarily classified as a **Precision Resistor** or a specific type of **Magnetic Sensor/Actuator** component, depending on the manufacturer (commonly associated with Murata or specific industrial electronic brands). Below is a detailed breakdown of its typical characteristics and specifications. --- ## 1. Component Overview The "MA" series usually refers to high-reliability components designed for industrial or automotive applications. The suffix codes indicate physical dimensions, tolerance, and packaging. | Feature | Description | | :--- | :--- | | **Category** | Passive Component / Sensor | | **Mounting Type** | Surface Mount (SMD) | | **Packaging** | Tape & Reel (indicated by the "-R") | | **Application** | Signal conditioning, precision timing, or sensing | --- ## 2. Technical Specifications While exact specs can vary based on the specific datasheet version, the alphanumeric code generally breaks down as follows: ### Electrical Characteristics * **Precision:** These parts are known for low drift and high stability over temperature changes. * **Environmental Resistance:** Often rated for high-moisture environments or high-vibration scenarios. * **Termination:** Lead-free (RoHS compliant) plating, typically Matte Tin over Nickel. ### Physical Dimensions The **72** in the part number often relates to the EIA case size or a specific physical footprint used in automated pick-and-place machinery. --- ## 3. Key Applications Components like the MA72FBA-R are typically found in: 1. **Automotive Electronics:** Control units where thermal stability is critical. 2. **Telecommunications:** Base station equipment requiring high-frequency stability. 3. **Industrial Automation:** Sensor interfaces and PLC (Programmable Logic Controller) modules. 4. **Medical Devices:** Diagnostic equipment requiring high-reliability passive components. --- ## 4. Part Number Breakdown (General Convention) | Code | Meaning | | :--- | :--- | | **MA** | Series Designation (e.g., Magnetic or Metal Alloy) | | **72** | Size / Form Factor | | **F** | Tolerance (Commonly ±1% or specific temperature coefficient) | | **BA** | Internal Design / Material Code | | **-R** | Packaging Code (Tape and Reel) | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance or sensing value for the MA72FBA-R?
    • ⤷ Is there a direct equivalent or cross-reference for this part from other manufacturers?
    • ⤷ What are the soldering profile requirements for this SMD component?