Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA72FBG-R

  • AI
    The **MA72FBG-R** is a specific surface-mount electronic component, typically categorized as a **Ferrite Chip Bead**. These components are essential for managing electromagnetic compatibility (EMC) by suppressing high-frequency noise in electronic circuits. --- ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers (often associated with brands like Multicomp or Taiyo Yuden). Below are the typical characteristics for this series: | Property | Description | | :--- | :--- | | **Component Type** | Ferrite Bead (EMI Suppression) | | **Package / Case** | 0805 (2012 Metric) | | **Impedance** | Usually 72 Ohms (at 100MHz) | | **Tolerance** | ±25% | | **Current Rating** | High Current (Often up to 3A - 6A) | | **DC Resistance (DCR)** | Very Low (typically < 0.05Ω) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Internal Structure and Function The MA72FBG-R is constructed using a multilayer process where internal silver electrodes are layered with ferrite material. * **Low Frequency Behavior:** It acts as a near-perfect conductor (low resistance), allowing DC and low-frequency signals to pass through. * **High Frequency Behavior:** As frequency increases, the bead becomes resistive. It absorbs high-frequency noise (EMI) and dissipates it as a tiny amount of heat rather than reflecting it back into the system. --- ### 3. Typical Applications These parts are found in almost all modern consumer electronics to ensure they pass regulatory EMC testing (like FCC or CE). * **Power Lines:** Used in the VCC lines of microprocessors to prevent digital switching noise from entering the power supply. * **Data Lines:** Filtering noise on USB, HDMI, or Ethernet interfaces. * **Prevention:** Eliminating "ringing" in high-speed switching circuits. --- ### 4. Circuit Representation In a schematic, a ferrite bead is represented by a symbol similar to an inductor but often enclosed in a rectangle or labeled with a "FB" or "BEAD" designator. ```text Standard Schematic Representation: ____ -----|____|----- (FB1) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific current rating for the MA72FBG-R?
    • ⤷ How does a ferrite bead differ from a standard inductor in a circuit?
    • ⤷ What are the recommended soldering profiles for 0805 ferrite beads?