Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA73FBD-R

  • AI
    The **MA73FBD-R** is an electronic component manufactured by **Macronix**. It belongs to the family of **Serial NOR Flash Memory**, specifically designed for embedded systems that require high reliability and high-speed data access. --- ## 1. Core Technical Specifications The following table summarizes the key electrical and physical attributes of the MA73FBD-R: | Attribute | Specification | | :--- | :--- | | **Component Type** | Serial NOR Flash Memory | | **Interface** | SPI (Serial Peripheral Interface) / Multi-I/O | | **Operating Voltage** | 2.7V to 3.6V (Standard) | | **Package Type** | BGA (Ball Grid Array) | | **Density** | Typically 128Mb - 256Mb (Varies by sub-revision) | | **Temperature Range** | Industrial Grade (-40°C to +85°C) | --- ## 2. Key Features and Architecture The internal circuitry of the MA73FBD-R is engineered for performance and endurance: ### A. High-Speed Performance * **Clock Rates:** Supports high-frequency clocking (often up to 133MHz). * **Multi-I/O Modes:** It utilizes Single, Dual, and Quad I/O modes to increase data throughput, significantly reducing the time required for boot-up sequences in embedded devices. ### B. Security and Data Integrity * **Hardware Write Protection:** Includes pins to prevent accidental data erasure. * **OTP (One-Time Programmable) Area:** Provides a secure space for unique device IDs or security keys. * **Endurance:** Designed for approximately 100,000 program/erase cycles per sector. ### C. Power Management * **Deep Power Down:** Features a low-power mode to conserve battery life in mobile or IoT applications. * **Standby Current:** Extremely low current draw when the device is not actively being addressed. --- ## 3. Physical Layout (BGA Package) Unlike standard SOP (Small Outline Package) chips, the **-R** suffix often indicates a specific packaging or reel format, typically a **Ball Grid Array (BGA)**. ```text BGA Package Advantages: 1. Smaller footprint on the PCB. 2. Better thermal dissipation through the solder balls. 3. Lower lead inductance for improved high-speed signal integrity. ``` --- ## 4. Common Applications Due to its reliability, the MA73FBD-R is commonly found in: * **Automotive Electronics:** Infotainment systems and ADAS. * **Networking Gear:** Storing firmware for routers and switches. * **Industrial Controllers:** Storing OS kernels and critical look-up tables. * **Consumer Electronics:** Smart TVs and high-end wearables.
    ✨ Follow-up Questions
    • ⤷ What is the exact memory density of the MA73FBD-R version?
    • ⤷ How does the Quad SPI mode differ from standard SPI in this component?
    • ⤷ What are the recommended reflow soldering profiles for the BGA package?