MA73TCX-R
AI

Based on the part number **MA73TCX-R**, this component is a high-performance **Magnetic Angular Position Sensor** (often referred to as a MagAlpha sensor) manufactured by **Monolithic Power Systems (MPS)**.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Functional Overview
The MA73TCX-R is an integrated circuit designed to detect the absolute angular position of a permanent magnet (typically a diametrically magnetized cylinder) rotating above or beside the chip.
| Feature | Specification / Description |
| :--- | :--- |
| **Technology** | SpinAxis™ Hall Effect technology |
| **Resolution** | 8 to 14 bits (programmable) |
| **Output Type** | Digital (SPI, SSI, PWM) and Incremental (ABZ) |
| **Operating Voltage** | 3.3V (Typical) |
| **Package** | QFN-16 (3mm x 3mm) |
| **Automotive Grade** | Often available in AEC-Q100 qualified versions |
---
## 2. Key Electronic Features
### A. High-Speed Performance
Unlike traditional Hall sensors that use slow analog-to-digital conversion, the "SpinAxis" technology allows for:
* **Low Latency:** Data processing is extremely fast, making it suitable for high-speed motor control (up to 100,000+ RPM).
* **High Refresh Rate:** Real-time angle sampling.
### B. Programmable Parameters
The "TCX" variant allows for specific internal configurations via non-volatile memory (NVM):
* **Zero Point:** Users can electronically set the "zero" angle without mechanical alignment.
* **Resolution vs. Bandwidth:** Users can trade off resolution for speed depending on the application.
* **Magnetic Field Thresholds:** Detection of "magnet too far" or "magnet too close."
### C. Output Interfaces
The device supports multiple simultaneous outputs:
1. **SPI (Serial Peripheral Interface):** Used for primary angle reading and register configuration.
2. **PWM (Pulse Width Modulation):** Provides the angle as a duty cycle.
3. **ABZ / Quadrature:** Emulates a standard optical encoder for easy integration into existing motor controllers.
---
## 3. Application Use Cases
The MA73 series is commonly found in precision electronics where space is limited and reliability is critical:
* **BLDC Motors:** Commutation and position feedback.
* **Robotics:** Joint position sensing.
* **HMI (Human Machine Interface):** Digital knobs and rotary dials.
* **Drones:** Gimbal stabilization and motor control.
---
## 4. Typical Circuit Integration
When designing with the MA73TCX-R, the following components are usually required:
```mermaid
graph LR
A[3.3V Supply] --> B(Decoupling Caps 100nF/1uF)
B --> C[MA73TCX-R]
C --> D[Microcontroller SPI]
C --> E[Motor Controller ABZ]
F[Magnet] -. Magnetic Field .-> C
```
---
- ⤷
What are the differences between the MA730 and the MA732/734 variants?
- ⤷ How do I calculate the optimal air gap between the magnet and the MA73TCX sensor?
- ⤷ What is the specific meaning of the 'R' suffix in the part number?