Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA74FBA-R

  • AI
    The **MA74FBA-R** is a specific surface-mount electronic component, typically categorized as a **crystal oscillator** or a **frequency control device**. These parts are critical for providing a stable clock signal to microprocessors and digital circuits. --- ### 1. Component Overview The MA74FBA-R belongs to a family of high-precision oscillators. Below are the general specifications associated with this series: | Feature | Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (SMD) | | **Package Type** | Surface Mount Device (Typically 7.0 x 5.0 mm or smaller) | | **Primary Function** | Generating a stable frequency reference | | **Termination** | RoHS Compliant / Lead-Free (indicated by -R) | ### 2. Breakdown of the Part Number While specific manufacturers (such as *Mercury Electronic* or *Microchip*) may have slight variations, the nomenclature generally breaks down as follows: * **MA**: Often designates the series or the physical package size (e.g., a standard metal or ceramic base). * **74**: Usually refers to the voltage or specific frequency range (e.g., 3.3V or 5.0V operation). * **FBA**: This is a factory code for internal specifications, including frequency stability (e.g., ±25ppm or ±50ppm) and operating temperature range. * **-R**: Typically stands for **Tape and Reel** packaging, used for automated pick-and-place assembly. ### 3. Key Technical Characteristics In an electronic circuit, the MA74FBA-R serves as the "heartbeat." Its performance is defined by: 1. **Frequency Stability:** Measured in Parts Per Million (PPM). It ensures the clock does not drift significantly due to heat or aging. 2. **Output Logic:** Most of these parts provide a **CMOS/TTL** compatible output, making them easy to interface with standard MCUs. 3. **Load Capacitance:** Optimized for low power consumption while maintaining signal integrity. 4. **Supply Voltage:** Commonly operates at **3.3V**, though some variants support 1.8V or 5V. ### 4. Common Applications * **Computing:** Providing the base clock for CPUs and Chipsets. * **Networking:** Synchronizing data packets in Ethernet switches or routers. * **Industrial:** Timing for PLC (Programmable Logic Controllers) and automation sensors. * **Embedded Systems:** Used in IoT devices where a small footprint is required. --- ### 5. Sample Connection Diagram In a typical schematic, the pins are connected as follows: ```markdown Pin 1: Standby or No Connect (NC) Pin 2: Ground (GND) Pin 3: Output (Clock Signal) Pin 4: Supply Voltage (Vcc) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency of the MA74FBA-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the recommended decoupling capacitor values for this oscillator?