Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA74FBD-R

  • AI
    The **MA74FBD-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor**. These components are widely used in circuits requiring high stability, low noise, and tight tolerances. Below is a detailed breakdown of its specifications and characteristics. --- ## 1. Core Specifications The "MA" series typically refers to high-reliability thin-film resistors. Here are the general technical parameters associated with this part number: | Feature | Specification | | :--- | :--- | | **Type** | Thin Film Chip Resistor | | **Resistance Tolerance** | ±0.1% to ±1% (F usually denotes ±1%) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C to ±50 ppm/°C | | **Package / Case** | Surface Mount (SMD) | | **Power Rating** | Typically 0.063W to 0.125W (depending on size code) | | **Operating Temp Range** | -55°C to +155°C | --- ## 2. Part Number Breakdown (Typical Nomenclature) While specific manufacturers (like Viking, Cyntec, or Susumu) have slight variations, the coding generally follows this logic: * **MA**: Series identifier (Precision Thin Film). * **74**: Size code (e.g., 0402, 0603, or 0805 metric/imperial equivalents). * **F**: Tolerance code (F = ±1%). * **BD**: Temperature Coefficient (TCR) code. * **R**: Packaging code (R = Tape & Reel). --- ## 3. Key Electronic Characteristics Thin film resistors like the MA74FBD-R differ significantly from standard thick film resistors in the following ways: ### A. Low Noise Thin film construction results in significantly lower "current noise" compared to thick film. This makes them ideal for audio applications and sensitive measurement equipment. ### B. High Stability The metal film layer is sputtered onto a ceramic substrate, providing a very uniform resistive layer. This results in minimal resistance drift over time and under thermal stress. ### C. Precision Because the film is etched (often using lasers), manufacturers can achieve extremely precise resistance values, which is critical for voltage dividers and gain settings in Op-Amps. --- ## 4. Common Applications Due to its precision nature, the MA74FBD-R is commonly found in: * **Medical Electronics:** Patient monitoring systems. * **Instrumentation:** Multimeters and weighing scales. * **Automotive:** Engine control units (ECU) and sensor interfaces. * **Telecommunications:** Base stations and high-speed data transmission. ---
    ✨ Follow-up Questions
    • ⤷ What is the physical package size (EIA code) for the 74 series designation?
    • ⤷ How does thin film technology compare to thick film in terms of cost and performance?
    • ⤷ What are the specific wattage ratings for the MA74FBD-R?