Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA74TBA-R

  • AI
    The **MA74TBA-R** is a specific surface-mount electronic component, typically categorized as a **Switching Diode** or a **Small Signal Diode**, often manufactured by Panasonic (though cross-referenced by other manufacturers). It is widely used in high-speed switching applications within consumer electronics. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this part: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Switching Diode | | **Configuration** | Single | | **Reverse Voltage ($V_R$)** | 80V (Maximum) | | **Forward Current ($I_F$)** | 100mA to 150mA | | **Reverse Recovery Time ($t_{rr}$)** | ~3ns to 10ns (High Speed) | | **Package Type** | Mini2-G3 (SMD / SMT) | | **Mounting Type** | Surface Mount | --- ### 2. Functional Description The MA74TBA-R is designed to allow current to flow in one direction while blocking it in the opposite direction. Its primary "selling point" is its **High-Speed Switching** capability. * **Fast Recovery:** The low $t_{rr}$ value ensures that when the voltage polarities flip, the diode stops conducting almost instantly, preventing signal distortion in high-frequency circuits. * **Small Footprint:** The Mini2 package is designed for high-density circuit boards where space is at a premium (e.g., smartphones, tablets). --- ### 3. Applications The MA74TBA-R is commonly integrated into the following circuit types: 1. **High-Speed Switching:** Used in logic circuits to process signals quickly. 2. **General Rectification:** Converting small AC signals to DC. 3. **Clamping/Protection:** Protecting sensitive IC pins from voltage spikes or reverse polarity. 4. **Signal Conditioning:** Clipping waveforms in radio frequency (RF) or audio processing. --- ### 4. Comparison with Similar Parts The "R" suffix often denotes the **packaging style** (Tape and Reel) for automated pick-and-place assembly. | Part Number | Difference | | :--- | :--- | | **MA74** | Base series number. | | **MA111** | Common alternative with similar switching speeds. | | **1N4148W** | Industry standard equivalent (check footprint compatibility). | ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the Mini2-G3 package?
    • ⤷ Can the MA74TBA-R be replaced by a 1N4148 diode?
    • ⤷ What are the storage temperature limits for this component?