Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA75FBD-R

  • AI
    The **MA75FBD-R** is an electronic component typically categorized as a **Standard Recovery Rectifier Diode** (often associated with the MA series from manufacturers like Panasonic). These components are designed to convert alternating current (AC) to direct current (DC) or to protect circuits from reverse polarity. --- ### 1. Key Technical Specifications Below are the typical technical parameters for this class of diode: | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Type** | Standard Rectifier | General-purpose signal/power diode. | | **Max. Reverse Voltage ($V_{R}$)** | 200V - 400V | Maximum voltage the diode can block in reverse. | | **Forward Current ($I_{F}$)** | 0.7A - 1.0A | Maximum continuous current allowed in forward bias. | | **Forward Voltage Drop ($V_{F}$)** | ~1.0V @ $I_{F}$ | The voltage lost across the diode when conducting. | | **Package Type** | Mini2-G3 / DO-214 | Surface-mount (SMD) small footprint package. | | **Operating Temp** | -40°C to +150°C | The thermal range for safe operation. | --- ### 2. Physical Characteristics and Pinout The "R" suffix in the part number often refers to the **packaging/reeling** (Tape & Reel) for automated assembly, or in some specific series, a **Reverse** polarity configuration. * **Anode (+):** The terminal where current enters the diode. * **Cathode (-):** The terminal marked with a band (on the physical body) where current exits. * **Material:** Usually Silicon-based, providing high thermal stability and reliability. --- ### 3. Functional Applications The MA75FBD-R is used in low-to-medium power electronic circuits for several purposes: 1. **Rectification:** Converting low-frequency AC signals to DC in power adapters. 2. **Reverse Polarity Protection:** Preventing damage to a circuit if a battery or power supply is connected backward. 3. **Clamping/Snubbing:** Absorbing voltage spikes in inductive loads (like motors or relays) to protect sensitive transistors. 4. **Signal Switching:** Directing current flow in logic or control circuits. --- ### 4. Circuit Symbol In a schematic diagram, the MA75FBD-R is represented by the standard diode symbol: ```text Anode Cathode ----|>|-----------[|]---- (+) (-) (Band) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the MA75FBD-R?
    • ⤷ How do I test if this diode is functioning correctly using a multimeter?
    • ⤷ Can this diode be used in high-frequency switching power supplies?