Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA75TAA-R

  • AI
    The **MA75TAA-R** typically refers to a high-precision, ultra-low power magnetic sensor (specifically a TMR - Tunnel Magnetoresistance sensor) produced by manufacturers like **MultiDimension Technology (MDT)**. These sensors are widely used for rotation sensing and displacement measurement. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics of the MA75TAA-R series: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Sensor Type** | Tunnel Magnetoresistance (TMR) | - | | **Supply Voltage** | 1.8 – 5.5 | V | | **Current Consumption** | ~1.5 - 2.0 (Ultra-low) | μA | | **Output Type** | Analog / Push-Pull | - | | **Magnetic Range** | ±75 (Typical) | Gauss | | **Package Type** | SOT-23 or TO-92S | - | | **Operating Temp** | -40 to +125 | °C | --- ### 2. Core Functional Components The "electronic parts" within this component include: 1. **TMR Bridge:** The heart of the sensor. It consists of a magnetic tunnel junction that changes resistance based on the external magnetic field. It provides much higher sensitivity than traditional Hall Effect sensors. 2. **ASIC (Application Specific Integrated Circuit):** Internal circuitry that handles signal conditioning, temperature compensation, and provides a stable output signal. 3. **ESD Protection:** Built-in diodes to protect the sensitive TMR elements from electrostatic discharge during handling and operation. --- ### 3. Pin Configuration (SOT-23 Example) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VCC** | Supply Voltage Input | | 2 | **OUT** | Sensor Signal Output | | 3 | **GND** | Ground Reference | --- ### 4. Common Applications * **Smart Meters:** Used for anti-tamper detection in water, gas, and electricity meters. * **Industrial Sensing:** Proximity switches and non-contact position sensing. * **Consumer Electronics:** Open/close lid detection for laptops and tablets. * **Battery Powered Devices:** Due to its micro-ampere power consumption, it is ideal for "always-on" wake-up sensors. ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of TMR sensors over Hall Effect sensors?
    • ⤷ Can you provide a wiring diagram for connecting this sensor to a microcontroller?
    • ⤷ What is the sensitivity rating of the MA75TAA-R in mV/V/G?