Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA76FCG-R

  • AI
    The **MA76FCG-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) within the electromechanical category. These components are ubiquitous in consumer electronics, serving as the interface between human touch and digital circuitry. --- ### 1. Technical Specifications The MA76FCG-R belongs to a family of miniature switches designed for high reliability and space-saving on Printed Circuit Boards (PCBs). | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Switch | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Actuation Force** | Typically 160gf to 250gf (Gram-force) | | **Dimensions** | Often 3x3mm or 4x4mm (Micro-miniature) | | **Circuitry** | SPST - NO (Single Pole Single Throw - Normally Open) | | **Contact Material** | Silver plated or Gold plated options | | **Lifecycle** | 100,000 to 500,000 cycles | --- ### 2. Functional Description As a **Normally Open (NO)** switch, the MA76FCG-R operates as follows: * **Idle State:** The circuit is open; no current flows. * **Actuated State:** When the user presses the button, the internal metal dome collapses, making contact with the base terminals and closing the circuit. * **Tactile Feedback:** The "click" sensation felt by the user is a mechanical response from the internal dome, confirming the input. --- ### 3. Key Features 1. **Low Profile:** Designed for thin devices like smartphones, wearables, and remote controls. 2. **Tape and Reel Packaging:** The "-R" suffix usually denotes "Reel" packaging, which is essential for automated pick-and-place assembly lines. 3. **Reflow Solder Compatible:** The housing material is heat-resistant, allowing it to withstand the temperatures of industrial soldering ovens. --- ### 4. Typical Applications The MA76FCG-R is used in any device requiring a compact user-input button: * **Consumer Electronics:** Volume buttons on tablets, power buttons on cameras. * **Wearables:** Smartwatches and fitness trackers. * **Medical Devices:** Portable diagnostic equipment. * **Computing:** Mouse buttons or reset switches on motherboards. --- ### 5. Part Number Breakdown (General Pattern) * **MA:** Series designation (Micro-miniature Actuator). * **76:** Size/Height code. * **FCG:** Material/Force/Plating configuration (Force: Constant, Gold/Silver contact). * **R:** Packaging (Reel).
    ✨ Follow-up Questions
    • ⤷ What are the recommended soldering temperature profiles for the MA76FCG-R?
    • ⤷ Can this switch be used in IP67-rated waterproof devices?
    • ⤷ What are the common alternatives or equivalents for this specific part?