Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA78FAX-R

  • AI
    The **MA78FAX-R** is a specific part number typically associated with **TDK-Lambda** or similar power electronics manufacturers. It refers to a specialized AC-DC power supply module designed for industrial and medical applications. --- ### 1. General Specifications Below are the primary technical characteristics of the MA78 series power modules: | Feature | Specification | | :--- | :--- | | **Component Type** | AC-DC Power Supply Module | | **Mounting Type** | Chassis Mount / DIN Rail compatible | | **Output Configuration** | Usually Single Output | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Efficiency** | 85% - 92% (Typical) | | **Cooling** | Convection or Forced Air | --- ### 2. Breakdown of Component Features #### A. Power Conversion The device utilizes **Switching Mode Power Supply (SMPS)** technology. It converts high-voltage alternating current (AC) from the grid into a stable, low-voltage direct current (DC) required for sensitive electronic circuits. #### B. The "R" Suffix In many industrial power supply naming conventions (including TDK-Lambda), the **-R** suffix often denotes: * **Remote On/Off:** The ability to toggle the power supply electronically without breaking the main AC line. * **RoHS Compliance:** Certification that the part is lead-free and environmentally safe. * **Redundancy Support:** Features allowing the unit to be used in N+1 configurations. #### C. Protection Circuits To ensure the safety of the connected electronics, the MA78FAX-R includes: 1. **Overvoltage Protection (OVP):** Shuts down the unit if output voltage exceeds safety limits. 2. **Overcurrent Protection (OCP):** Limits current output to prevent thermal runaway. 3. **Short Circuit Protection:** Instantaneous shutdown in the event of a direct short. --- ### 3. Common Applications Due to its reliability and compact form factor, this part is commonly used in: * **Industrial Automation:** Powering PLCs, sensors, and HMI panels. * **Telecommunications:** Base station equipment and networking hardware. * **Medical Equipment:** Devices requiring low leakage current and high isolation (if rated for medical use). * **Test and Measurement:** Benchtop instruments requiring stable DC rails. --- ### 4. Installation and Wiring The module typically features screw terminal blocks for secure connections: * **L / N / FG:** Line, Neutral, and Frame Ground (Earth) for AC input. * **+V / -V:** Positive and Negative DC output terminals. * **V-Adj:** A small potentiometer to fine-tune the output voltage (e.g., adjusting 12V to 12.5V).
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage and wattage for the MA78FAX-R?
    • ⤷ Is the MA78FAX-R compatible with DIN rail mounting systems?
    • ⤷ What are the primary differences between the MA78FAX-R and standard MA series models?