Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA78TAA-R

  • AI
    The **MA78TAA-R** is an **Active Antenna Module** specifically designed for high-precision GNSS (Global Navigation Satellite System) applications. It is commonly used in automotive, industrial, and high-accuracy positioning systems. --- ## 1. Core Technical Specifications The following table summarizes the key electronic characteristics of the MA78TAA-R: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Frequency Support** | L1 / L5 Bands | Supports GPS, GLONASS, Galileo, and BeiDou | | **Input Voltage** | 3.0V to 5.0V | Wide operating voltage range | | **LNA Gain** | ~28 dB to 32 dB | High sensitivity for weak signal environments | | **Noise Figure** | < 2.0 dB | Low noise interference for cleaner signals | | **Output Impedance** | 50 $\Omega$ | Standard RF matching | | **Current Consumption** | ~10mA to 20mA | Optimized for low power usage | --- ## 2. Key Electronic Components The "R" suffix typically refers to specific mounting or connector configurations (often indicating a right-angle or specific cable assembly). The internal circuitry consists of: ### A. The Ceramic Patch Element * **Function:** Captures the electromagnetic waves from satellites. * **Design:** Usually a dual-feed or stacked patch to handle multiple frequencies (L1/L5). ### B. Low Noise Amplifier (LNA) * **Function:** Multi-stage amplification of the extremely weak satellite signals. * **Protection:** Includes SAW (Surface Acoustic Wave) filters to reject out-of-band interference (like 4G/5G signals). ### C. Impedance Matching Network * **Function:** Ensures maximum power transfer from the antenna element to the receiver. * **Components:** Surface-mount inductors and capacitors tuned to the 50-ohm characteristic impedance. --- ## 3. Application Use Cases Due to its support for the **L5 band**, this module is significantly more accurate than standard L1-only antennas. 1. **Autonomous Vehicles:** Reducing multipath errors in urban canyons. 2. **Precision Agriculture:** Guiding machinery with sub-meter accuracy. 3. **Drones (UAVs):** Reliable positioning in complex RF environments. --- ## 4. Pinout and Integration Integration usually involves a coaxial cable (U.FL or SMA) or direct soldering to a PCB. ```yaml # Integration Checklist - Power Supply: Ensure stable DC voltage (filtered). - Grounding: A large ground plane is required to maintain antenna efficiency. - RF Path: Keep the signal trace as short as possible to avoid attenuation. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between L1 and L5 bands in this module?
    • ⤷ Does this antenna require a specific ground plane size for optimal performance?
    • ⤷ Which GNSS receivers are most compatible with the MA78TAA-R?