Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MA7L1FCG-R

  • AI
    The **MA7L1FCG-R** is a specific part number belonging to the **MA7L series** of high-performance inductors manufactured by **Cyntec**. These components are primarily used in power management circuits for consumer electronics, automotive infotainment, and industrial applications. --- ## 1. Component Overview The MA7L1FCG-R is a **Molded Power Inductor**. Unlike traditional wire-wound inductors, molded inductors use a metal powder core that is pressed around the copper coil. This design offers superior shielding and higher current density. ### Key Specifications (Typical for MA7L Series) | Feature | Description | | :--- | :--- | | **Core Material** | Carbonyl Iron / Metal Alloy Powder | | **Construction** | Shielded, Molded construction | | **Inductance Range** | Typically 0.1µH to 10µH (varies by sub-code) | | **Saturation Current** | High (handles high peaks without dropping inductance) | | **Operating Temp** | -55°C to +125°C (standard) | --- ## 2. Technical Features ### A. Low DCR (DC Resistance) The internal structure utilizes flat wire or optimized copper windings to ensure that the resistance remains very low. This minimizes power loss through heat, making it ideal for high-efficiency DC-DC converters. ### B. Soft Saturation Because of the metal powder core, the inductor does not have a "sharp" saturation point. If the current exceeds the rated limit, the inductance drops gradually rather than abruptly, providing a safety margin for the circuit. ### C. Low Acoustic Noise The molded design encapsulates the coil entirely. This prevents the "coil whine" (magnetostriction) often heard in traditional inductors when switching at high frequencies. --- ## 3. Part Number Breakdown While specific manufacturer datasheets may vary slightly, the code generally follows this logic: * **MA**: Series prefix (Metal Alloy Molded). * **7L**: Size code (typically refers to the footprint, e.g., ~7.0mm x 6.5mm). * **1F**: Height/Material characteristic code. * **CG**: Internal design/Tolerance spec. * **-R**: RoHS compliant / Tape & Reel packaging. --- ## 4. Common Applications These inductors are frequently found in: * **Voltage Regulator Modules (VRMs)** for CPUs and GPUs. * **DC-DC Converters** in laptops, tablets, and smartphones. * **Automotive Electronics**: ADAS systems and infotainment units where EMI shielding is critical. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions of the MA7L footprint?
    • ⤷ How does a molded inductor compare to a ferrite core inductor?
    • ⤷ What is the specific inductance value for the 'CG' variant?