Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH11FAA-R

  • AI
    ### Analysis of the MAH11FAA-R Relay The **MAH11FAA-R** is a specific automotive-grade power relay, typically manufactured by companies like **Deca** or **Song Chuan**. These components are designed to handle high current loads within vehicle electrical systems. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Contact Form** | 1 Form A (SPST - Normally Open) | | **Nominal Voltage** | 12V DC | | **Switching Current** | 40A to 60A (depending on ambient temp) | | **Coil Resistance** | Approximately 80Ω - 90Ω | | **Terminal Type** | Quick Connect / Plug-in Terminals | | **Suppression** | Resistor (indicated by the "-R" suffix) | --- ### 2. Breakdown of the Model Code The part number can be decoded to understand its internal construction: * **MAH**: The Series designation (High power automotive micro ISO relay). * **11**: Refers to the internal contact configuration and mounting style. * **F**: Insulation class (typically Class F, rated for high temperatures up to 155°C). * **AA**: Contact arrangement (1 Form A, which is a single-pole, single-throw, normally open switch). * **-R**: **Resistor Suppression**. This is a critical electronic feature. A resistor is placed in parallel with the coil to soak up the "flyback" voltage spike when the relay is turned off, protecting sensitive vehicle electronics (like the ECU) from EMF interference. --- ### 3. Electronic Function & Components The relay consists of three primary functional electronic sections: #### A. The Electromagnetic Coil When 12V is applied to pins 85 and 86, the coil creates a magnetic field. Because this model has the **-R** suffix, it includes a **1/2W resistor** across these pins. This prevents high-voltage transients that occur when the magnetic field collapses. #### B. The Power Contacts The contacts (Pins 30 and 87) are made of **Silver Tin Oxide (AgSnO2)**. This material is chosen for its excellent resistance to "contact welding" and material transfer during high-current switching, such as starting a motor or turning on high-intensity lights. #### C. Physical Construction * **Housing:** Heat-stabilized thermoplastic to withstand engine bay temperatures. * **Sealing:** Usually dust-proof or flux-tight to prevent environmental contaminants from oxidizing the contacts. --- ### 4. Typical Applications Due to its high amperage rating (40A+), the MAH11FAA-R is commonly found in: * Fuel pump circuits * Radiator cooling fans * Headlight control modules * Air conditioning compressors ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between resistor (-R) and diode suppression in these relays?
    • ⤷ How do I test if the MAH11FAA-R resistor is still functioning correctly?
    • ⤷ Can this relay be used in 24V systems
    • ⤷ or is it strictly 12V?