Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH12TBA-R

  • AI
    The **MAH12TBA-R** is a high-performance **Brushless DC (BLDC) Motor Driver/Fan Controller** integrated circuit, commonly manufactured by companies like **Melexis** or specialized cooling solution providers. It is designed specifically for controlling 12V cooling fans with high efficiency and protection features. --- ## 1. Technical Specifications The core electronic characteristics of the MAH12TBA-R are centered around power management and signal processing for motor control. | Parameter | Value / Description | | :--- | :--- | | **Operating Voltage** | 12V DC (Typical range 10.8V to 13.2V) | | **Driver Type** | Brushless DC (BLDC) Motor Driver | | **Output Type** | PWM (Pulse Width Modulation) | | **Integrated Protection** | Thermal Shutdown, Locked Rotor Protection | | **Package** | Usually found in SOT or specialized surface-mount packages | --- ## 2. Core Electronic Components & Functions The internal circuitry of the MAH12TBA-R consists of several functional blocks: ### A. Power Stage (H-Bridge) The IC contains integrated MOSFETs configured in a bridge layout. These switch the current flowing through the motor coils to create the magnetic field required for rotation. ### B. Hall Effect Sensor Interface To achieve "brushless" operation, the IC requires feedback on the rotor's position. It processes signals from an internal or external Hall sensor to ensure the electronic commutation happens at the exact right moment. ### C. PWM Control Logic The "TBA" designation often refers to the control interface. It accepts a PWM input signal from a motherboard or PLC to vary the speed of the fan by adjusting the duty cycle. ### D. Protection Circuitry * **Locked Rotor Protection:** If the fan blade is physically obstructed, the IC detects a spike in current or a lack of rotation signals and cuts power to prevent the coils from burning out. * **Auto-Restart:** Periodically attempts to restart the motor once the obstruction is cleared. --- ## 3. Pinout Configuration (Typical) While specific packages may vary, the electronic interface generally follows this structure: 1. **VCC:** 12V Positive Power Supply. 2. **GND:** System Ground. 3. **FG (Frequency Generator):** Output signal (Tachometer) that tells the system how fast the fan is spinning. 4. **PWM/V-ctrl:** Input signal for speed regulation. --- ## 4. Application Context The MAH12TBA-R is primarily found in: * **Server Cooling Fans:** Where high reliability and precise speed control are mandatory. * **Industrial Power Supplies:** To manage thermal loads dynamically. * **High-End Desktop (HEDT) Cooling:** Used in 4-wire fans to provide feedback to the BIOS/UEFI.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FG signal and the PWM signal in this IC?
    • ⤷ How does the locked rotor protection mechanism prevent circuit failure?
    • ⤷ Can this IC be used for 24V applications with a voltage regulator?