Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH13FBD-R

  • AI
    The **MAH13FBD-R** is a specific electronic component, typically categorized as a high-performance **Magnetic Sensor IC** (specifically an Anisotropic Magnetoresistive or AMR sensor) or a specialized **Hall Effect Switch**, depending on the manufacturer (most commonly associated with brands like MultiDimension Technology or similar precision sensor developers). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications This component is designed for low-power, high-sensitivity magnetic field detection. | Parameter | Typical Value / Range | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Average Supply Current** | ~1.5 $\mu$A (Ultra-low power) | | **Operating Temperature** | -40°C to +125°C | | **Magnetic Threshold ($B_{OP}$)** | Low (Highly sensitive) | | **Output Type** | Push-Pull or Open Drain (depending on variant) | | **Package Type** | SOT-23 or TO-92S | --- ### 2. Core Functional Parts The internal circuitry of the MAH13FBD-R consists of several critical stages: 1. **Magnetic Sensing Element:** Uses a bridge circuit (often AMR) that changes resistance in the presence of an external magnetic field. 2. **Voltage Regulator:** Ensures the internal logic operates stably even if the input voltage $V_{CC}$ fluctuates. 3. **Chopper-Stabilized Amplifier:** Amplifies the tiny signals from the sensing bridge while canceling out offset voltages (noise). 4. **Digital Logic / Comparator:** Compares the amplified signal against a pre-set threshold to determine if the output should be "High" or "Low". 5. **Output Stage:** Usually a **Push-Pull** output, meaning it can source and sink current without needing an external pull-up resistor. --- ### 3. Key Features * **Omnipolar Operation:** It detects both North and South poles of a magnet. This makes assembly easier as the magnet orientation does not matter. * **High Frequency Response:** Despite its low power consumption, it maintains a fast enough sampling rate for proximity sensing. * **Micropower Consumption:** Ideal for battery-powered devices (like smart meters or IoT sensors) because it spends most of its time in a "sleep" state, waking up briefly to sample the magnetic field. --- ### 4. Application Use Cases * **Smart Meters:** Detecting magnetic tampering in water or gas meters. * **Portable Electronics:** Lid-close detection for laptops or tablets. * **Industrial Sensing:** Non-contact limit switches or position sensing in pneumatic cylinders. * **IoT Devices:** Battery-operated door/window security sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SOT-23 version of this IC?
    • ⤷ How does the 'Omnipolar' sensitivity compare to 'Unipolar' sensors?
    • ⤷ Can this sensor be used in automotive safety applications?