Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH16FCA-R

  • AI
    The **MAH16FCA-R** is a specific part number typically associated with **Mecatronics (or similar cooling solution manufacturers)** cooling fans. Below is a detailed breakdown of its electronic components, specifications, and characteristics. --- ### 1. General Specifications The part number represents a high-performance **Brushless DC (BLDC) Fan**. These are commonly used in industrial servers, networking equipment, and power supplies. | Parameter | Specification (Typical) | | :--- | :--- | | **Voltage** | 12V DC (Operating range ~7V to 13.8V) | | **Current** | Approx. 0.40A - 0.60A (Varies by revision) | | **Dimensions** | 60mm x 60mm x 25mm | | **Bearing Type** | Dual Ball Bearing (indicated by 'B' or 'A' in specific series) | | **Termination** | Lead wires (usually 2 or 3 wires) | --- ### 2. Internal Electronic Components To operate efficiently, the MAH16FCA-R contains several key electronic sub-assemblies inside the hub: #### A. Brushless DC (BLDC) Motor Controller Since DC power cannot directly spin a synchronous motor, an internal **Integrated Circuit (IC)** acts as an electronic commutator. It switches the electromagnetic poles to keep the rotor spinning without the need for carbon brushes. #### B. Hall Effect Sensor A small semiconductor sensor is placed near the rotor magnets. It detects the position of the magnetic field and sends a signal to the controller IC to tell it exactly when to switch the current to the next coil. #### C. Protection Circuitry * **Reverse Polarity Protection:** A diode is often included to prevent damage if the + and - wires are swapped. * **Locked Rotor Protection:** If the fan blades are obstructed, the IC will cut power to the coils to prevent the motor from overheating and catching fire. * **Auto-Restart:** After a stall, the electronics periodically attempt to restart the motor once the obstruction is removed. --- ### 3. Wire Configuration (Pinout) The "R" suffix often denotes a specific feature like a **Tachometer (Frequency Generator)** or a **Lock Sensor**. | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC (+) | Positive power input (12V) | | **Black** | GND (-) | Ground / Negative | | **Yellow/White** | Signal | Usually a **Tachometer output** (2 pulses per revolution) to monitor RPM. | --- ### 4. Technical Features * **Frame Material:** PBT (Polybutylene Terephthalate) - UL94V-0 Plastic (Flame retardant). * **Impeller:** Aerodynamically optimized blades to reduce turbulence and acoustic noise. * **MTBF (Mean Time Between Failures):** Typically rated for 50,000 to 70,000 hours at 40°C due to the ball bearing construction.
    ✨ Follow-up Questions
    • ⤷ How do I test the Tachometer signal using an oscilloscope?
    • ⤷ What are the differences between ball bearings and sleeve bearings in these fans?
    • ⤷ Can this fan be controlled using PWM (Pulse Width Modulation)?