Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH18FBD-R

  • AI
    The **MAH18FBD-R** is a specific electronic component, primarily identified as a **high-precision, low-resistance shunt resistor** or a current-sensing resistor. These components are critical in power management systems for monitoring current flow with high accuracy. --- ### 1. Technical Specifications The part number typically follows a standardized coding system for current sense resistors. Below are the general specifications associated with this series: | Parameter | Description / Value | | :--- | :--- | | **Component Type** | Metal Alloy Current Sense Resistor | | **Resistance Value** | 18 mΩ (milli-Ohms) | | **Tolerance** | ±1% (denoted by 'F') | | **Power Rating** | Typically 2W to 5W (depending on package size) | | **Material** | Metal Alloy (for thermal stability) | | **Package Style** | Surface Mount Device (SMD) | --- ### 2. Key Electronic Features * **Low Temperature Coefficient (TCR):** Designed to maintain a stable resistance value even as the component heats up during operation. * **High Power Dissipation:** The metal alloy construction allows it to handle significant current without burning out. * **Inductance:** Low parasitic inductance, making it suitable for high-frequency switching applications. * **Current Sensing:** It works on Ohm's Law ($V = I \times R$). By measuring the tiny voltage drop across this 18mΩ resistor, the system controller can calculate the exact current flowing through the circuit. --- ### 3. Typical Applications These parts are commonly found in the following electronic systems: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion packs. 2. **DC-DC Converters:** Providing feedback loops for regulated power supplies. 3. **Motor Control:** Detecting over-current conditions to protect industrial or automotive motors. 4. **Laptops/Mobile Devices:** Managing power distribution from the battery to internal rails. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary slightly, the code generally breaks down as follows: | Segment | Meaning | | :--- | :--- | | **MAH** | Series Identifier (Metal Alloy High-power) | | **18** | Resistance value (18 mΩ) | | **F** | Tolerance (F = ±1%) | | **BD** | Package size or Temperature Coefficient code | | **-R** | Tape and Reel packaging (for automated assembly) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its power rating?
    • ⤷ How does the 'Metal Alloy' construction compare to standard thick-film resistors?
    • ⤷ What are the recommended footprint dimensions for soldering the MAH18FBD-R?