Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH22FCA-R

  • AI
    The **MAH22FCA-R** is a high-performance **Brushless DC (BLDC) Motor Driver** specifically designed for 3-phase motor applications. It is commonly utilized in cooling systems, industrial fans, and precision automation where efficiency and compact size are required. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Motor Type** | 3-Phase Brushless DC (BLDC) | | **Input Voltage Range** | 10V to 28V DC | | **Maximum Current** | Up to 2.2A (Peak) | | **Control Method** | Pulse Width Modulation (PWM) | | **Sensor Type** | Sensorless or Hall Effect based (depending on configuration) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Electronic Components & Functions The MAH22FCA-R integrates several critical electronic sub-systems into a single module: #### A. Integrated Power Bridge The heart of the part is a **Triple Half-Bridge** (6 MOSFETs). These transistors switch the DC input into a 3-phase AC-like waveform to drive the motor windings. Because they are integrated, the "R" suffix often denotes reduced thermal resistance for better heat dissipation. #### B. Control Logic & PWM Controller The internal IC processes external signals (like a speed command) and translates them into high-frequency pulses. * **PWM Speed Control:** Adjusts the duty cycle to vary the motor speed. * **Soft Start Logic:** Gradually increases power to prevent high inrush current that could damage the power supply. #### C. Protection Circuitry The module includes built-in safety features to prevent electronic failure: * **Over-Current Protection (OCP):** Shuts down the output if the motor stalls or draws too much power. * **Locked Rotor Protection:** Detects if the motor is physically stuck and cuts power to prevent the coils from melting. * **Thermal Shutdown:** Monitors the internal die temperature and disables the driver if it exceeds safety limits. --- ### 3. Pinout and Connectivity Example While specific pin configurations can vary by package, the typical electronic interface for this driver includes: ```cpp // Logic Level Interfacing (Example Logic) VCC -> Positive Power Supply (e.g., 24V) GND -> Common Ground PWM/VSP -> Speed Control Input (0-5V or Frequency) FG -> Frequency Generator (Tachometer output to monitor RPM) U/V/W -> Three lines connected to the BLDC Motor Coils ``` --- ### 4. Typical Applications * **Server Cooling Fans:** High-reliability fans for data centers. * **Air Purifiers:** Quiet, variable-speed BLDC motors. * **Small Pumps:** Precision fluid movement in medical or industrial equipment.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the MAH22FCA-R and the standard MAH22FCA model?
    • ⤷ How do you calculate the required heat sink size for this driver at maximum load?
    • ⤷ Can this driver be used with 4-wire PWM PC fans?