Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH23FAA-R

  • AI
    The **MAH23FAA-R** is an electronic component primarily classified as a **Power Relay**, typically manufactured by companies like **Fujitsu** (formerly Takamisawa). These relays are designed for high-current switching applications and are commonly found in industrial control systems and household appliances. --- ### 1. General Specifications The MAH series is known for its compact size relative to its power handling capabilities. Below are the typical technical specifications: | Feature | Specification | |:---|:---| | **Contact Form** | 1 Form A (SPST-NO) | | **Coil Voltage** | 12V DC or 24V DC (Model dependent) | | **Switching Current** | Up to 20A / 30A (Application specific) | | **Contact Material** | Silver Alloy (AgSnO2) | | **Mounting Type** | Through-hole (PCB Mount) | | **Terminal Type** | PCB and Quick-connect (QC) Tabs | --- ### 2. Breakdown of the Part Number The alphanumeric code follows a specific naming convention: * **MAH**: The series identifier (Miniature Automotive/High Power Relay). * **23**: Often refers to the physical size or a specific design iteration in the series. * **F**: Insulation class (usually Class F, rated for higher temperatures up to 155°C). * **AA**: Contact configuration and material code. * **R**: Denotes a specific feature, often related to the **Flux Tight** or **Resistant to solder** sealing type. --- ### 3. Key Electronic Functions The MAH23FAA-R operates as an electromagnetic switch. Here is how it functions within a circuit: 1. **Isolation**: It provides galvanic isolation between a low-power control circuit (like a microcontroller) and a high-power load (like a heater or motor). 2. **High Inrush Handling**: The contact material (AgSnO2) is specifically chosen to resist welding during high inrush currents, such as when turning on capacitive or inductive loads. 3. **Thermal Resistance**: Due to its Class F rating, it can operate reliably in high-temperature environments (e.g., inside an oven or engine compartment). ### 4. Common Applications * **HVAC Systems**: Controlling compressors and fan motors. * **Automotive Electronics**: High-current lighting, fuel pumps, and cooling fans. * **Industrial Automation**: Operating solenoids and large contactors. * **Household Appliances**: Power management in washing machines and dishwashers. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the MAH23FAA-R?
    • ⤷ Can this relay be used for AC voltage switching
    • ⤷ and what are its limits?
    • ⤷ What is the specific coil resistance for the 12V version of this relay?