Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH24FAA-R

  • AI
    The **MAH24FAA-R** is an electronic component primarily classified as a **Bipolar Stepper Motor**, specifically within the "Minebea" (NMB Technologies) product line. It is a miniature, high-precision motor often used in medical devices, office automation, and precision instruments. --- ### 1. Technical Specifications The following table outlines the key electrical and mechanical characteristics of the MAH24FAA-R: | Feature | Specification | | :--- | :--- | | **Motor Type** | Bipolar Stepper Motor | | **Step Angle** | 15° per step | | **Drive Voltage** | 24V DC (Standard) | | **Resistance per Phase** | ~20 - 30 Ohms (varies by sub-revision) | | **Frame Size** | 24mm Diameter | | **Winding Type** | 2-Phase Bipolar | | **Magnet Material** | Neodymium or Ferrite (depending on torque requirements) | --- ### 2. Core Electronic Components The "part" itself is an assembly of several electronic and electromagnetic elements: * **Stator Windings:** Copper wire coils that create the magnetic field when energized by a driver. * **Permanent Magnet Rotor:** Usually a multi-pole cylindrical magnet that reacts to the stator's field to produce rotation. * **Lead Wires/Connector:** Typically features a 4-pin interface (standard for bipolar motors) to connect to a Stepper Driver IC. * **Bearings:** Precision ball bearings or sleeve bearings to ensure low-friction rotation. --- ### 3. Driving the MAH24FAA-R Since this is a **Bipolar** motor, it cannot be powered by a simple DC source. It requires a dedicated **H-Bridge** driver circuit. **Example Wiring Logic:** ```python # Pseudo-code logic for a Stepper Driver (e.g., A4988 or DRV8825) # to rotate the MAH24FAA-R import time STEP_PIN = 18 DIR_PIN = 19 def rotate_motor(steps, direction): # Set Direction: 1 for CW, 0 for CCW GPIO.output(DIR_PIN, direction) for _ in range(steps): GPIO.output(STEP_PIN, True) time.sleep(0.01) # Pulse width GPIO.output(STEP_PIN, False) time.sleep(0.01) # Speed control ``` --- ### 4. Common Applications * **Medical Equipment:** Precision fluid pumps and analytical instruments. * **Office Automation:** Small printers, scanners, and paper feed mechanisms. * **Robotics:** Small-scale grippers or sensor-swiveling mounts.
    ✨ Follow-up Questions
    • ⤷ What are the compatible stepper driver ICs for the MAH24FAA-R?
    • ⤷ How do I calculate the holding torque for this specific motor size?
    • ⤷ What is the pinout configuration for the 4-wire bipolar connector?