Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH24TAA-R

  • AI
    The **MAH24TAA-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are widely used in power management circuits to store energy in a magnetic field. --- ### 1. Key Technical Specifications While specifications can vary slightly by manufacturer (often associated with brands like **Coilmaster** or similar magnetic component specialists), the part number breakdown generally follows this logic: | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | Typically defined by the "24" or specific series values (μH) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Magnetic shielding to reduce Electromagnetic Interference (EMI) | | **Operating Temp** | Usually -40°C to +125°C | --- ### 2. Internal Construction The "R" suffix often denotes **RoHS Compliance** (Lead-free) or **Taped and Reeled** packaging for automated assembly. 1. **Core Material:** Usually a Ferrite core which provides high permeability and low core losses at high frequencies. 2. **Winding:** Copper wire wound around the core, designed for low DC Resistance (DCR) to minimize heat and power loss. 3. **Shielding:** A magnetic sleeve or epoxy coating that prevents the magnetic field from interfering with neighboring components on the PCB. --- ### 3. Common Applications The MAH24TAA-R is designed for high-efficiency power conversion. Common use cases include: * **DC-DC Converters:** Buck, Boost, and SEPIC converters. * **Mobile Devices:** Power management in smartphones and tablets. * **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. * **Automotive:** Infotainment systems and sensor power supplies. --- ### 4. Circuit Behavior In an electronic circuit, this part performs two primary functions: * **Filtering:** It smooths out high-frequency noise from power supplies. * **Energy Storage:** During the switching cycle of a power supply, it stores energy when the switch is closed and releases it when the switch is open to maintain a steady output voltage. ---
    ✨ Follow-up Questions
    • ⤷What are the specific inductance and current ratings for the MAH24TAA-R?
    • ⤷ Is there a direct equivalent or cross-reference for this part from manufacturers like TDK or Murata?
    • ⤷ What is the physical footprint size (e.g.
    • ⤷ 2016 or 2520) of this inductor?