Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH25TAX-R

  • AI
    The **MAH25TAX-R** is a high-performance, magnetic absolute rotary encoder typically used in industrial automation, robotics, and precision motion control. It is designed to provide precise angular position feedback even in harsh environments. --- ### 1. Technical Specifications The following table outlines the primary electronic and mechanical characteristics of the MAH25TAX-R: | Feature | Specification | | :--- | :--- | | **Sensing Technology** | Magnetic (Hall Effect / Magnetoresistive) | | **Output Type** | Absolute (Maintains position after power loss) | | **Resolution** | Usually 10-bit to 12-bit (Up to 4096 positions) | | **Communication Interface** | Typically SSI (Synchronous Serial Interface) or Analog | | **Supply Voltage** | 5V DC or 12-24V DC (Model dependent) | | **Housing Diameter** | 25mm (Compact form factor) | | **Protection Class** | IP64 or IP65 (Dust and splash resistant) | --- ### 2. Key Electronic Components The internal architecture of this encoder consists of several critical electronic stages: * **Permanent Magnet:** Fixed to the rotating shaft. As it rotates, the magnetic field orientation changes relative to the sensor. * **Sensor ASIC:** A specialized Integrated Circuit (often a Hall-effect array) that detects the angle of the magnetic field. * **Signal Processor/Microcontroller:** Converts the raw analog signals from the sensor into a digital format (Binary or Gray code). * **Output Driver:** Manages the communication protocol (e.g., RS422 differential drivers for SSI) to ensure signal integrity over long cables. --- ### 3. Advantages of the MAH25 Series 1. **Non-Contact Sensing:** Because there is no physical contact between the sensor and the rotating magnet, there is zero mechanical wear on the electronic sensing elements. 2. **Compact Size:** The "25" in the part number refers to the 25mm diameter, making it ideal for tight spaces like small robot joints. 3. **Durability:** Unlike optical encoders, magnetic encoders are not affected by dust, oil, or vibrations that might obscure a glass disk. ### 4. Wiring and Integration Standard integration involves a multi-wire shielded cable. Below is a generic representation of a typical SSI wiring pinout for this class of device: ```yaml Pin 1: Vcc (Power Supply +) Pin 2: GND (0V / Ground) Pin 3: Clock + (SSI Clock Input) Pin 4: Clock - (SSI Clock Input) Pin 5: Data + (Position Output) Pin 6: Data - (Position Output) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the 'TAX' variant?
    • ⤷ How does the magnetic sensing accuracy compare to optical encoders?
    • ⤷ What is the maximum rotational speed (RPM) for the MAH25TAX-R?