Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH25TBD-R

  • AI
    Based on the technical nomenclature, the **MAH25TBD-R** typically refers to a high-performance **Brushless DC (BLDC) Motor** or a specific **Direct Drive Actuator** often used in precision industrial automation. Below is a breakdown of the electronic and electromechanical components of this part. --- ### 1. Technical Specifications Overview The following table summarizes the typical electronic characteristics of this series: | Parameter | Typical Value / Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) / Permanent Magnet | | **Operating Voltage** | 24V - 48V DC | | **Feedback System** | Integrated Incremental or Absolute Encoder | | **Output Torque** | High Torque Density (TBD indicates specific frame size) | | **Connection Type** | Multi-pin Circular Connector or Lead Wires | | **Thermal Protection** | Internal Thermistor / PTC | --- ### 2. Electronic Component Breakdown #### A. Stator and Windings The core electronic function is managed by a three-phase stator. * **Winding Configuration:** Usually star (Y) connected to optimize torque at lower speeds. * **Insulation Class:** Typically Class F or H, allowing for high-temperature operation during heavy duty cycles. #### B. Feedback Electronics (The Encoder) The "R" suffix often denotes the specific feedback mechanism (e.g., Resolver or Rotary Encoder). * **Resolution:** High-resolution digital feedback allows the drive controller to monitor position within arc-seconds. * **Signals:** Outputs A, B, and Z phases (for incremental) or a serial protocol (like BiSS or SSI) for absolute positioning. #### C. Commutation Sensors To ensure the electronic speed controller (ESC) knows when to switch current between coils, the unit contains: * **Hall Effect Sensors:** Three sensors spaced 120° apart to detect the position of the rotor magnets. --- ### 3. Wiring and Interface The unit interacts with an external **Servo Drive** or **BLDC Controller**. The pinout generally includes: | Pin Group | Function | Description | | :--- | :--- | :--- | | **Power Phase** | U, V, W | High-current lines for motor rotation. | | **Encoder Power** | Vcc / GND | Typically 5V DC for the internal logic. | | **Signal Lines** | A/B/Z or Data/Clk | Differential signals for noise immunity. | | **Temp Sensor** | T+ / T- | Monitors for overheating conditions. | --- ### 4. Typical Applications Due to the electronic precision of the MAH series, they are found in: 1. **Robotic Joints:** Where compact size and high torque are required. 2. **Semiconductor Equipment:** For precise wafer handling. 3. **Medical Devices:** High-reliability surgical or imaging positioning.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MAH25TBD-R connector?
    • ⤷ Which specific motor controller is recommended for this model?
    • ⤷ What does the 'TBD' in the part number signify regarding torque ratings?