Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH26FAG-R

  • AI
    The **MAH26FAG-R** is a high-performance, ultra-compact brushless DC (BLDC) motor, typically categorized as a "Micro Actuator" or "Micro Motor." These components are widely used in precision engineering, medical devices, and handheld electronics where space is extremely limited but torque and efficiency are required. --- ### 1. Technical Specifications The following table outlines the typical electrical and mechanical characteristics of the MAH26 series: | Parameter | Typical Value | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Operating Voltage** | 2.5V - 5.0V DC | | **Diameter** | ~2.6 mm | | **Body Length** | ~6.0 mm - 10.0 mm | | **No-Load Speed** | 15,000 - 35,000 RPM | | **Rated Torque** | 0.05 - 0.15 mN·m | | **Direction of Rotation** | CW / CCW (Bi-directional) | --- ### 2. Key Electronic Components & Construction The MAH26FAG-R operates on electromagnetic principles but differs from standard motors due to its miniaturization: * **Permanent Magnet Rotor:** Uses high-grade Neodymium (NdFeB) magnets to provide a strong magnetic field in a tiny footprint. * **Stator Windings:** Precisely wound copper coils. Since it is brushless, there are no physical brushes to wear out, increasing the lifespan of the part. * **Lead Wires/FPC:** Usually features a Flexible Printed Circuit (FPC) or ultra-thin lead wires for connection to a motor driver. * **Integrated Bearings:** Often utilizes high-precision jewelry-grade bearings or miniature ball bearings to reduce friction at high RPMs. --- ### 3. Driving the MAH26FAG-R Because this is a **Brushless** motor, it cannot be powered by connecting it directly to a battery. It requires an external electronic speed controller (ESC) or a driver IC. ```python # Conceptual logic for a BLDC Driver controlling the motor def drive_motor(target_rpm): if motor_feedback < target_rpm: increase_phase_frequency() # Increase switching speed of the coils elif motor_feedback > target_rpm: decrease_phase_frequency() # Slow down the commutation ``` **Common Driver Requirements:** * **3-Phase Commutation:** The driver must switch the current through the stator coils in a specific sequence. * **Back-EMF Sensing:** Since these motors are often "sensorless," the driver detects the position of the rotor by measuring the voltage generated in the unpowered coil. --- ### 4. Common Applications Due to its size (2.6mm diameter), this part is found in: 1. **Medical Technology:** Endoscopes, micro-pumps, and surgical tools. 2. **Optics:** Zoom and focus actuators for miniature camera modules. 3. **Haptics:** Advanced vibration feedback in wearable devices. 4. **Drones:** Micro-gimbal stabilization systems.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MAH26FAG-R connector?
    • ⤷ Which specific driver ICs are recommended for controlling 2.6mm BLDC motors?
    • ⤷ How does the power consumption of this micro-motor compare to traditional brushed motors of the same size?