Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH26FBG-R

  • AI
    The **MAH26FBG-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically used in cooling fans or precision drive systems. Below is a breakdown of its electronic components, specifications, and internal architecture. --- ### 1. General Specifications Based on the part number nomenclature (commonly associated with manufacturers like Delta or Nidec), the following specifications are standard for this series: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Type** | Brushless DC (BLDC) | High efficiency, low wear | | **Voltage** | 12V DC (Standard) | Operates within a specific range (e.g., 7V–13.8V) | | **Current** | ~0.05A - 0.15A | Varies based on load | | **Bearing Type** | FDB (Fluid Dynamic Bearing) | Indicated by "FB" in the code; very quiet | | **Termination** | Lead Wires / Connector | Usually 2 or 3 wires | --- ### 2. Internal Electronic Components The "Electronic" part of this motor refers to the **Integrated Drive Circuitry** located on a small PCB inside the motor hub. #### A. The Commutation Controller (IC) Since it is brushless, it does not use physical brushes to flip the magnetic field. Instead, it uses an internal IC that: * Senses the position of the rotor. * Switches the current between the stator coils. * Regulates speed via Pulse Width Modulation (PWM) if supported. #### B. Hall Effect Sensor A small semiconductor sensor is placed near the rotor. It detects the magnetic poles of the permanent magnet as they pass by, sending a signal to the controller to tell it when to "fire" the next coil. #### C. Stator Windings Copper wire coils arranged in a specific phase configuration (usually 3-phase). These create the electromagnetic field that reacts with the rotor's permanent magnets. #### D. Protection Components * **Reverse Polarity Protection:** A diode that prevents damage if the positive and negative wires are swapped. * **Locked Rotor Protection:** A circuit that cuts or pulses power if the fan is physically obstructed, preventing the coils from overheating and burning out. --- ### 3. Pinout Configuration The **"-R"** suffix often denotes a specific wiring or signal output (usually a Tachometer/Sensor wire). | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC (+) | Positive power supply | | **Black** | GND (-) | Ground / Negative | | **Yellow/White** | FG (Frequency Generator) | The "R" often implies a Speed Signal output (Tachometer) | --- ### 4. Key Features of the "FBG" Series * **Fluid Dynamic Bearing (FB):** Uses a thin layer of pressurized oil rather than steel balls. This results in significantly lower electronic noise and physical friction. * **Green/RoHS (G):** Compliant with environmental standards regarding hazardous substances in the soldering and plastic components.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage range for the MAH26FBG-R?
    • ⤷ How do I interpret the tachometer signal from the 'R' wire?
    • ⤷ What are the mounting dimensions for this specific motor model?