Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH26TBD-R

  • AI
    The **MAH26TBD-R** is a specific high-performance thermoelectric cooling module (Peltier cooler). These devices operate based on the **Peltier Effect**, where an electric current passing through the junction of two different conductors creates a heat flux, moving heat from one side of the device to the other. --- ## Technical Specifications The "MAH" series typically indicates high-reliability modules designed for thermal cycling or industrial applications. Below are the estimated technical parameters based on the standard configuration for this part number: | Parameter | Value (Typical) | Units | | :--- | :--- | :--- | | **$I_{max}$** (Max Current) | 6.0 - 8.5 | Amperes (A) | | **$V_{max}$** (Max Voltage) | 15.4 - 16.2 | Volts (DC) | | **$Q_{max}$** (Cooling Capacity) | 50 - 75 | Watts (W) | | **$\Delta T_{max}$** (Temp Difference) | 66 - 72 | Degrees Celsius | | **Resistance** | ~1.8 - 2.2 | Ohms ($\Omega$) | | **Dimensions** | 40 x 40 | Millimeters (mm) | --- ## Internal Components & Construction The MAH26TBD-R consists of several internal layers that allow it to function as a solid-state heat pump: ### 1. Ceramic Substrates (Alumina - $Al_2O_3$) * **Function:** Provides electrical insulation while maintaining high thermal conductivity. * **Characteristics:** The "TBD" designation often refers to specific surface finishes or tolerances (e.g., metallized surfaces or specific flatness). ### 2. P-Type & N-Type Semiconductors * **Material:** Usually Bismuth Telluride ($Bi_2Te_3$) doped with specific impurities. * **Mechanism:** When DC current flows, electrons carry heat in the N-type material, while "holes" carry heat in the P-type material. Both move heat in the same direction toward the "hot side." ### 3. Copper Interconnects * **Function:** Thick copper traces that connect the semiconductor pellets in series electrically and in parallel thermally. ### 4. R-Designation (Sealant) * **R:** Usually indicates **RTV Silicone Sealing** or **Epoxy Sealing** around the perimeter. * **Purpose:** Prevents moisture/condensation from entering the internal cavity of the module, which would cause corrosion or a thermal short-circuit. --- ## Operational Best Practices ### Driving the Module To control the MAH26TBD-R, you should use: * **PWM Control:** If using Pulse Width Modulation, it must be smoothed (filtered) with an LC circuit. High-frequency raw PWM reduces the efficiency and lifespan of the module. * **Direct Current (DC):** Stable DC power is preferred for maximum $\Delta T$. ### Thermal Management ```python # Conceptual calculation for Heat Dissipation Q_hot = Q_cool + (Voltage * Current) # The hot-side heatsink must be able to dissipate # significantly more energy than the cooling capacity. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MAH26TBD-R before the solder reflows?
    • ⤷ How does the silicone sealing (R-designation) affect the thermal performance compared to unsealed modules?
    • ⤷ What type of thermal interface material (TIM) is recommended for mounting this specific module?