Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH62FCX-R

  • AI
    The **MAH62FCX-R** is a high-performance, high-voltage gate driver optocoupler typically used in industrial power electronics. It is designed to provide electrical isolation and high current drive for power MOSFETs and IGBTs. --- ### 1. Key Technical Specifications The following table highlights the core electronic characteristics of the MAH62FCX-R: | Feature | Specification | Description | |:---|:---|:---| | **Output Peak Current** | 2.5 A (max) | Peak drive current for high-speed switching. | | **Isolation Voltage** | 5000 Vrms | Safety barrier between input and output. | | **Supply Voltage (Vcc)** | 15V to 30V | Wide operating range for gate drive needs. | | **Propagation Delay** | 500 ns (max) | Ensures fast response in high-frequency circuits. | | **Common Mode Rejection** | 25 kV/µs | High immunity to noise and transients. | --- ### 2. Internal Block Diagram Logic The device consists of several internal electronic stages: 1. **Input Stage:** An AlGaAs Infrared LED. When current flows through the LED, it emits light across an isolation barrier. 2. **Isolation Barrier:** A dielectric layer that prevents high voltage on the output side from damaging the low-voltage control circuitry. 3. **Detector Stage:** An integrated circuit with a photodiode, high-gain amplifier, and a **Totem Pole** output stage. 4. **Under Voltage Lock-Out (UVLO):** A protection circuit that ensures the output remains low if the supply voltage drops below a safe threshold, preventing the IGBT from overheating. --- ### 3. Application Circuit Example In a typical circuit, the MAH62FCX-R sits between a Microcontroller (MCU) and a Power Module. ```cpp // Logic Representation of Driver Control if (PWM_Signal == HIGH) { LED_Current = ON; // Photodiode activates Gate_Output = VCC; // IGBT Gate charges to 15-20V } else { LED_Current = OFF; // Photodiode deactivates Gate_Output = GROUND; // IGBT Gate discharges } ``` --- ### 4. Primary Use Cases * **Isolated IGBT/MOSFET Gate Drive:** Used in AC and brushless DC motor drives. * **Industrial Inverters:** Essential for Solar Inverters and Uninterruptible Power Supplies (UPS). * **Switching Power Supplies:** High-efficiency DC-DC converters. * **Induction Heating:** High-frequency switching control.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the input series resistor in this gate driver?
    • ⤷ How does the UVLO feature protect the connected IGBT?
    • ⤷ What are the footprint and packaging dimensions for the MAH62FCX-R?