Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH63FAD-R

  • AI
    The **MAH63FAD-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically used in industrial automation, robotics, and high-precision motion control applications. These motors are designed for high efficiency, compact form factors, and long operational life. --- ### 1. Key Technical Specifications Below are the typical electronic and mechanical characteristics associated with this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Input Voltage** | Typically 24V or 48V DC | | **Rated Power** | Varies by sub-model (approx. 60W - 100W) | | **Feedback System** | Integrated Incremental Encoder | | **Phase Configuration** | 3-Phase | | **Termination** | Radial lead wires or integrated connector (-R usually denotes Radial) | --- ### 2. Internal Electronic Components The MAH63FAD-R consists of several critical electronic sub-assemblies: #### A. Stator and Windings * **3-Phase Arrangement:** The motor uses copper windings arranged in a 3-phase configuration (U, V, W). * **Permanent Magnets:** The rotor contains high-energy permanent magnets (often Neodymium), eliminating the need for brushes and reducing electrical noise. #### B. Feedback Electronics (Encoder) The "-F" in many part numbering schemes indicates a built-in feedback device. * **Incremental Encoder:** Provides pulses to the motor controller to monitor speed and position. * **Hall Effect Sensors:** Usually includes three Hall sensors to detect the rotor position for proper commutation (switching the current between phases). #### C. Connections and Wiring The **"-R"** suffix often refers to the **Radial** orientation of the exit cables or a specific **RoHS** compliance standard depending on the manufacturer’s datasheet. * **Power Leads:** Thicker wires for Phase A, B, and C. * **Signal Leads:** Thinner wires for +5V, Ground, Hall signals, and Encoder A/B channels. --- ### 3. Required External Electronics Since this is a brushless motor, it cannot run directly from a DC power supply. It requires an **Electronic Speed Controller (ESC)** or a **Servo Drive**. 1. **Commutation Logic:** The controller reads the Hall sensors to know which phase to energize. 2. **PWM Control:** The drive uses Pulse Width Modulation (PWM) to control the effective voltage and, consequently, the speed. 3. **Closed-Loop Control:** The controller uses the encoder data to ensure the motor stays at the target RPM or position regardless of load changes. --- ### 4. Common Applications * **Medical Equipment:** Precision pumps and scanning beds. * **AGVs (Automated Guided Vehicles):** Small drive wheels or lift mechanisms. * **Conveyor Systems:** High-torque, low-maintenance sorting lines.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the MAH63FAD-R connector?
    • ⤷ Which motor controller is recommended for the MAH63 series?
    • ⤷ How do I troubleshoot a 'No Feedback' error with this specific motor?