Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH63FCD-R

  • AI
    The **MAH63FCD-R** is a specific model of an absolute magnetic rotary encoder, typically manufactured by companies like **Nemicon** or similar industrial sensor providers. These components are used to translate the angular position of a shaft into a digital or analog signal. --- ### 1. Component Overview The MAH63FCD-R belongs to the category of **Magnetic Encoders**. Unlike optical encoders that use light and a disk, magnetic encoders use a permanent magnet and a hall-effect sensor array. | Feature | Specification | | :--- | :--- | | **Type** | Absolute Magnetic Encoder | | **Outer Diameter** | 63mm (Standardized size) | | **Sensing Method** | Magnetic Induction | | **Output Type** | Typically Digital (BCD, Binary, or Gray Code) | | **Reliability** | High resistance to dust, oil, and vibration | --- ### 2. Key Electronic Characteristics #### A. Absolute Positioning Unlike incremental encoders that lose their position when power is cut, the **MAH63FCD-R** provides an absolute position. Each angle has a unique digital "code," meaning the system knows exactly where the shaft is located immediately upon startup without needing a "home" cycle. #### B. The "FCD" Specification In the part numbering system: * **F:** Usually indicates the flange type or mounting style (e.g., Flat or Flange). * **C:** Often refers to the output format (Connector type or specific Binary/Gray coding). * **D:** Often denotes the supply voltage (typically DC 5V or DC 12-24V). #### C. Signal Output The electronics inside the unit convert raw magnetic flux changes into a readable format: * **Parallel Output:** Multiple wires providing a bit-by-bit representation of the position. * **Resolution:** High-precision steps (e.g., 10-bit or 1024 positions per revolution). --- ### 3. Internal Block Diagram Logic The electronic signal flow follows this internal path: 1. **Magnet:** Mounted on the rotating shaft. 2. **Sensor ASIC:** A Hall-effect array that detects the magnetic field orientation. 3. **Signal Processor:** An internal IC that interpolates the analog magnetic data into a digital value. 4. **Output Driver:** Buffers the signal to be sent over cables to a PLC (Programmable Logic Controller) or CNC machine. --- ### 4. Advantages & Use Cases * **Durability:** Because it is magnetic, there are no glass disks to break. * **Compactness:** The 63mm form factor allows for integration into medium-to-large motors. * **Applications:** * Robotic arm joints. * Packaging machinery. * Automated guided vehicles (AGVs).
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MAH63FCD-R connector?
    • ⤷ How does magnetic encoding compare to optical encoding in harsh environments?
    • ⤷ What is the specific resolution (bits) for this model?