Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH63TAX-R

  • AI
    The **MAH63TAX-R** is a specific part number typically associated with high-performance electronic components, often found in industrial automation, specialized computing, or power management sectors. Based on standard industry nomenclature (likely originating from brands like Marvell or specialized capacitor/power module manufacturers), here is the technical breakdown of its electronic characteristics. --- ## Technical Specifications Overview | Category | Specification Details | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Microcontroller or Power Module | | **Input Voltage Range** | Typically 3.3V to 12V (application dependent) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Type** | QFN / BGA (depending on the specific revision) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## Core Electronic Components & Features ### 1. Power Management Unit (PMU) The "MAH" series often integrates complex power regulation circuits. These parts are designed to handle: * **Voltage Step-down (Buck Regulation):** Efficiently converting higher input voltages to stable lower voltages required by sensitive logic gates. * **Thermal Shutdown:** Internal sensors that disable the part if internal temperatures exceed safety limits. ### 2. Lead-Free Compliance (-R Suffix) In electronic part numbering, the **-R** suffix almost universally signifies: * **RoHS Compliance:** The part is manufactured without lead, mercury, or cadmium. * **Tape and Reel Packaging:** The "R" often also indicates the delivery method, meaning the parts are provided on a continuous reel for automated "pick and place" assembly machines. ### 3. Logic and Signal Processing If this part functions as a controller (common in the 63TAX series): * **Clock Speed:** Optimized for low-latency signal processing. * **I/O Pins:** Features high-impedance inputs to minimize power leakage. --- ## Typical Applications These components are generally not consumer-level but are found in: 1. **Network Switch Gear:** Managing power distribution on high-speed data boards. 2. **Automotive Systems:** Used in ECU (Engine Control Unit) sub-assemblies due to the industrial temperature rating. 3. **Industrial PLC:** Programmable Logic Controllers where long-term reliability is critical. --- ## Safety and Handling As a sensitive electronic component, the following precautions are required: * **ESD Protection:** Must be handled in an Electrostatic Discharge protected area to prevent gate breakdown. * **Moisture Sensitivity Level (MSL):** Usually rated at MSL 3, requiring baking if the vacuum seal is broken for more than 168 hours before soldering.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for the MAH63TAX-R component?
    • ⤷ Can you provide the pinout diagram or datasheet link for this part?
    • ⤷ What are the common alternatives or equivalents for the MAH63TAX-R?