Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH65TCD-R

  • AI
    The **MAH65TCD-R** refers to a high-performance **Brushless DC (BLDC) Motor Driver/Controller** specifically designed for high-torque applications, often utilized in precision industrial tools or automated machinery. --- ### 1. General Specifications This electronic component acts as the "brain" and "powerhouse" for a motor, translating low-voltage control signals into high-current power phases. | Feature | Description | | :--- | :--- | | **Motor Type** | 3-Phase Brushless DC (BLDC) | | **Control Method** | PWM (Pulse Width Modulation) | | **Sensor Type** | Hall Effect Sensor Input | | **Mounting** | PCB Integrated or Modular depending on enclosure | | **Protection** | Over-current, Over-voltage, Thermal Shutdown | --- ### 2. Key Electronic Sections The internal circuitry of the MAH65TCD-R is divided into three primary functional blocks: #### A. The Power Stage (Inverter) This is the "muscle" of the part. It typically consists of a **3-phase bridge** using 6 Power MOSFETs or IGBTs. * **Function:** It switches the high-voltage DC supply to the three motor windings (U, V, W). * **Heat Management:** Usually attached to a heat sink to dissipate energy generated during high-torque operations. #### B. The Control & Logic Section This part processes user commands and safety feedback. * **MCU/ASIC:** A dedicated microcontroller calculates the timing for commutation. * **Hall Input:** Receives signals from the motor’s internal sensors to determine the rotor's exact position. * **Direction Control:** A logic high/low pin determines clockwise (CW) or counter-clockwise (CCW) rotation. #### C. Protection Circuitry To ensure the longevity of the electronic parts, the board includes: * **Shunt Resistors:** Used for real-time current sensing. * **Clamping Diodes:** Protects the MOSFETs from Back-EMF (voltage spikes) when the motor slows down or stops. --- ### 3. Pinout & Connectivity While specific pin numbers vary by manufacturer revision, the electronic interface generally follows this structure: | Terminal Group | Label | Purpose | | :--- | :--- | :--- | | **Power In** | VCC / GND | Main DC power supply (e.g., 18V - 36V) | | **Motor Out** | U / V / W | Phase outputs to the motor | | **Sensor In** | H+ / H- / Ha / Hb / Hc | Hall effect sensor power and signal lines | | **Control** | PWM / DIR / BRK | Speed control, Direction, and Electronic Brake | --- ### 4. Common Applications * **Cordless Power Tools:** High-end impact drivers or drills. * **Robotics:** Actuators requiring smooth motion and high torque-to-weight ratios. * **Medical Devices:** Precision pumps or surgical rotators. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating voltage for the MAH65TCD-R?
    • ⤷ How do I troubleshoot a 'Thermal Shutdown' error on this controller?
    • ⤷ Can this driver be used with sensorless BLDC motors?