Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH66FBD-R

  • AI
    The **MAH66FBD-R** is a specialized high-performance hardware component, typically categorized as a **Magnetic Angle Sensor** or a **Magnetic Encoder** module (often associated with brands like Renishaw or specific industrial motion control manufacturers). These parts are designed to detect precise angular positions using magnetic fields. --- ### 1. Technical Specifications Overview The following table outlines the general electronic characteristics associated with this series of magnetic sensors: | Parameter | Typical Specification | | :--- | :--- | | **Output Signal** | Digital (often SSI, BiSS, or PWM) | | **Resolution** | Up to 12-bit or 14-bit (16,384 positions per rev) | | **Supply Voltage** | 5V DC (±10%) | | **Interface** | Serial / Differential | | **Operating Temp** | -40°C to +125°C | | **Max Speed** | Up to 30,000 RPM (depending on configuration) | --- ### 2. Key Electronic Components & Working Principle The "MAH" series typically utilizes a combination of the following internal technologies: 1. **Hall Effect Sensor Array:** The core of the chip contains an array of Hall elements that sense the magnetic flux density of a rotating permanent magnet placed above it. 2. **Analog-to-Digital Converter (ADC):** The raw sine/cosine signals from the Hall sensors are converted into high-resolution digital data. 3. **Digital Signal Processor (DSP):** An internal processor calculates the ArcTangent of the magnetic field to determine the absolute angle. It also compensates for temperature drift and magnetic field variations. 4. **Differential Drivers:** The "-R" suffix often indicates a specific output type (like RS422/Differential) used to ensure high noise immunity over long cable runs in industrial environments. --- ### 3. Pinout and Connection Logic While exact pinouts vary by housing, the electronic interface generally follows this logic: ```cpp // Logic Diagram for MAH-Series Interface Pin 1: VCC (+5V Power) Pin 2: GND (0V) Pin 3: Data+ (Differential Signal) Pin 4: Data- (Differential Signal) Pin 5: Clock+ (External synchronization) Pin 6: Clock- (External synchronization) ``` --- ### 4. Applications Because of its high precision and contactless nature, this part is used in: * **Robotic Joints:** Monitoring the exact degree of rotation of a limb. * **BLDC Motors:** Providing feedback for electronic commutation. * **Medical Equipment:** Precise positioning in imaging or surgical tools. * **Automotive:** Steering angle sensors and throttle position.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' suffix and other variants in this series?
    • ⤷ How do I calibrate the MAH66FBD-R with a microcontroller like Arduino?
    • ⤷ What type of magnet is required for optimal performance with this sensor?