Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH66FBG-R

  • AI
    The **MAH66FBG-R** is a specific surface-mount electronic component, typically categorized as a **High-Frequency Chip Inductor** or a specialized **Magnetic Component** used in RF (Radio Frequency) and telecommunications circuitry. Below is a breakdown of its technical specifications, construction, and applications. --- ### 1. Technical Specifications The part number typically follows a standardized nomenclature used by manufacturers like Taiyo Yuden or similar magnetic component specialists. | Parameter | typical Specification | |:--- |:--- | | **Component Type** | Chip Inductor / Ferrite Bead | | **Package Size** | 0603 or 0805 (Metric equivalent varies by series) | | **Impedance/Inductance** | High-frequency suppression capabilities | | **Tolerance** | ±5% to ±20% (depending on specific binning) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Electronic Features The "FBG" suffix often denotes specific performance characteristics related to noise filtering: * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation within the circuit. * **High Q-Factor:** Provides excellent efficiency in resonant circuits and minimal signal degradation. * **Magnetic Shielding:** Often constructed with a multilayer ferrite structure to prevent electromagnetic interference (EMI) with neighboring components. * **Frequency Range:** Optimized for MHz to GHz range suppression, making it ideal for high-speed data lines. --- ### 3. Internal Construction The device is manufactured using **Multilayer Ceramic/Ferrite Technology**: 1. **Internal Electrode:** Silver or Copper printed in a spiral pattern. 2. **Ferrite Material:** High-permeability ceramic body that concentrates the magnetic field. 3. **Terminations:** Usually Ni/Sn (Nickel/Tin) plated to ensure high solderability and resistance to leaching during the reflow process. --- ### 4. Common Applications Due to its small footprint and high-frequency performance, the MAH66FBG-R is commonly found in: * **Mobile Devices:** Power management circuits for smartphones and tablets. * **RF Modules:** Impedance matching and filtering in Wi-Fi or Bluetooth antennas. * **High-Speed Computing:** Noise decoupling for CPU/GPU power rails. * **Automotive Electronics:** Signal integrity for ADAS sensors and infotainment systems. --- ### 5. Identification Code Breakdown While codes vary by manufacturer, the typical logic is: * **MAH:** Product Series (Multilayer Inductor/Bead). * **66:** Size/Dimension code. * **FBG:** Material characteristic (Frequency/Band/Grade). * **-R:** Packaging code (usually Taped and Reeled for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value of the MAH66FBG-R?
    • ⤷ Which manufacturers are the primary suppliers for this part?
    • ⤷ What are the recommended soldering profiles for this SMD component?