Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH66TAG-R

  • AI
    The **MAH66TAG-R** is a specialized high-performance absolute rotary encoder designed for demanding industrial applications. It belongs to a category of magnetic sensors that provide precise position feedback by measuring the orientation of a magnetic field. --- ### 1. Key Technical Specifications The electronics of the MAH66TAG-R are built around a robust magnetic sensing principle. Below are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Output Type** | Analog (Ratiometric) | | **Resolution** | 12-bit (4096 positions per 360°) | | **Supply Voltage** | 5V DC ± 10% | | **Interface** | 3-wire or 4-wire configuration | | **Housing Material** | Robust Aluminum / Polymer | | **Protection Class** | IP67 (High resistance to dust/water) | | **Connection** | Cable or M12 Connector (Model dependent) | --- ### 2. Core Electronic Components & Architecture The device functions through a sophisticated internal signal chain: #### A. Magnetic Sensing Element Instead of using optical discs (which can shatter or get dirty), the MAH66TAG-R uses a **Hall-effect sensor array**. This chip detects the flux lines of a permanent magnet attached to the rotating shaft. #### B. Signal Processing (ASIC) * **A/D Converter:** The raw analog sine/cosine signals from the Hall sensors are converted into digital values. * **Interpolation Engine:** An internal processor calculates the exact angle based on the magnetic field vector. * **Linearization:** The electronics compensate for non-linearities in the magnetic field to ensure high accuracy. #### C. Output Stage * **D/A Conversion:** Since the "TAG-R" variant typically features an analog output, the internal digital position is converted back to a stable voltage or current signal. * **Protection Circuitry:** Includes Reverse Polarity Protection and Overvoltage Protection to prevent damage during installation. --- ### 3. Electronic Advantages 1. **Non-Contact Sensing:** There is no physical wear between the sensor and the rotating magnet, leading to a theoretically infinite electronic lifespan. 2. **Absolute Positioning:** Unlike incremental encoders, this device "remembers" its position even after a power loss. Upon restart, it immediately outputs the correct angle without needing a home cycle. 3. **Redundancy (Optional):** Many models in this series offer "Dual-Channel" electronics for safety-critical applications, where two separate sensors monitor the same shaft. --- ### 4. Wiring Diagram Overview While specific wire colors vary by manufacturer (often *Megatron* or similar), the standard electronic pinout is as follows: ```markdown 1. VCC (+) : Power Supply (Typically Red) 2. GND (-) : Ground (Typically Black) 3. OUT (S) : Analog Signal Output (0-5V or 0-10V) 4. SHIELD : Electromagnetic Interference (EMI) Protection ```
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the MAH66TAG-R and an optical encoder?
    • ⤷ Can the analog output range of this encoder be programmed or scaled?
    • ⤷ What are the common industrial applications for 12-bit magnetic encoders?