Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH66TBA-R

  • AI
    The **MAH66TBA-R** is a high-performance, ultra-low power 3-axis accelerometer typically manufactured by **MEMSIC**. This component belongs to the Micro-Electromechanical Systems (MEMS) category, designed for mobile devices, IoT hardware, and wearables. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of the MAH66TBA-R: | Feature | Specification | | :--- | :--- | | **Measurement Range** | ±2g, ±4g, ±8g, ±16g (Programmable) | | **Interface** | I2C / SPI (Digital Output) | | **Supply Voltage (Vdd)** | 1.62V to 3.6V | | **Resolution** | 12-bit to 14-bit | | **Package Type** | LGA-12 (2.0 x 2.0 x 1.0 mm) | | **Current Consumption** | < 2µA (Low Power Mode) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Electronic Blocks The MAH66TBA-R consists of several internal stages that convert physical movement into digital data: 1. **MEMS Sensor Element:** A proof mass suspended by silicon springs. When acceleration occurs, the mass shifts, changing the capacitance between it and the fixed electrodes. 2. **Capacitance-to-Voltage Converter:** An ASIC (Application-Specific Integrated Circuit) inside the package measures the minute changes in capacitance. 3. **Analog-to-Digital Converter (ADC):** Converts the analog voltage signals from the X, Y, and Z axes into digital values. 4. **Digital Logic & DSP:** Handles filtering (low-pass/high-pass), offset compensation, and interrupt generation (e.g., tap detection or wake-on-motion). 5. **Interface Logic:** Manages communication with the host microcontroller (MCU) via the I2C or SPI protocols. --- ### 3. Integrated Smart Features This part is not just a raw sensor; it includes embedded logic to reduce the processing load on the main system CPU: * **FIFO Buffer:** Stores data samples internally so the MCU can "sleep" and only wake up to read data in batches, saving system power. * **Interrupt Engines:** Can be programmed to trigger a signal on a specific pin when certain events occur: * *Free-fall detection* * *Portrait/Landscape orientation changes* * *Single/Double tap recognition* * *Motion/No-motion detection* --- ### 4. Implementation Example (I2C) To communicate with the MAH66TBA-R, you typically address registers via I2C. Below is a conceptual representation of how a register read might look in C-like pseudo-code: ```c // Example: Reading the WHO_AM_I register to verify chip ID #define MAH66_ADDR 0x1D // Default I2C Address #define WHO_AM_I_REG 0x0F uint8_t chipID; I2C_Read(MAH66_ADDR, WHO_AM_I_REG, &chipID, 1); if(chipID == 0xXX) { // Replace 0xXX with actual ID from datasheet // Sensor is active and communicating } ```
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the LGA-12 package of this sensor?
    • ⤷ How does the 'Self-Test' function work in the MAH66TBA-R to ensure reliability?
    • ⤷ What are the recommended bypass capacitor values for the Vdd and Vdd_IO pins?