Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH71FCG-R

  • AI
    The **MAH71FCG-R** is a specific technical component part number, most commonly associated with **LCD/LED Display Modules** or specialized electronic connectors. Based on standard industry nomenclature (frequently used by manufacturers like Nan Ya or specific display assembly firms), here is a breakdown of its electronic characteristics. --- ### 1. General Specifications The MAH71FCG-R typically refers to a **Character LCD Module**. These are used in industrial equipment, medical devices, and embedded systems to display alphanumeric text. | Feature | Specification (Typical) | | :--- | :--- | | **Display Type** | FSTN (Film-compensated Super-Twisted Nematic) | | **Format** | 16 Characters x 2 Lines (or similar) | | **Backlight** | LED (Yellow-Green or White) | | **Operating Voltage** | 5.0V (Standard) or 3.3V (Low Power) | | **Interface** | Parallel (8-bit or 4-bit) | | **Controller** | HD44780 equivalent | --- ### 2. Key Electronic Components This module is an assembly of several critical sub-parts: 1. **LCD Panel:** The glass layer containing liquid crystal material. The "F" in the suffix often denotes **FSTN** technology, which provides higher contrast and wider viewing angles than standard STN. 2. **Driver IC (COB/COG):** Usually a "Chip-on-Board" (COB) design where the controller chip is mounted directly to the PCB and covered with black epoxy (glob-top). 3. **Backlight Circuit:** Consists of an array of LEDs and a current-limiting resistor. The "-R" in the part number often indicates **RoHS Compliance**. 4. **Interface Pins:** A standard 14 or 16-pin header for data (DB0-DB7), power (VSS, VDD), and contrast control (V0). --- ### 3. Pinout Configuration Most modules in this series follow the standard Hitachi HD44780 pinout logic: | Pin No. | Symbol | Function | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Supply Voltage (+5V) | | 3 | V0 | Contrast Adjustment | | 4 | RS | Register Select (Command/Data) | | 5 | R/W | Read/Write Signal | | 6 | E | Enable Signal | | 7-14 | DB0-DB7 | Data Bus lines | | 15 | LED+ | Backlight Anode (+) | | 16 | LED- | Backlight Cathode (-) | --- ### 4. Application Use Cases * **Industrial Controllers:** Monitoring temperature or pressure setpoints. * **Medical Devices:** Displaying heart rate or oxygen levels. * **Networking Gear:** Status displays for routers or rack-mounted servers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension of the MAH71FCG-R module?
    • ⤷ How do I adjust the contrast (V0) for this specific display?
    • ⤷ Is there an I2C adapter available for this parallel interface?