Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH72FAX-R

  • AI
    The **MAH72FAX-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically categorized as a high-performance fan motor or a compact industrial actuator motor. These motors are commonly used in applications requiring high reliability and precise speed control, such as server cooling, medical equipment, or high-end office automation. --- ### 1. Key Technical Specifications The following table outlines the general technical characteristics associated with this series: | Parameter | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Voltage Range** | Typically 12V or 24V DC (Model dependent) | | **Bearing Type** | Dual Ball Bearing (for longevity) | | **Commutation** | Electronic / Sensorless or Hall Effect | | **Speed Control** | PWM (Pulse Width Modulation) compatible | | **Rotation** | Clockwise or Counter-clockwise (Fixed) | --- ### 2. Internal Electronic Components The "Electronic Parts" of the MAH72FAX-R refer to the internal PCB (Printed Circuit Board) that manages the motor's operation. Because it is a brushless motor, it requires an integrated controller to function. #### A. Integrated Drive Circuit Unlike brushed motors, this unit contains an onboard **Electronic Commutator**. * **Power MOSFETs:** These act as electronic switches to energize the stator windings in the correct sequence. * **Controller IC:** A dedicated micro-chip that monitors the rotor position and regulates the timing of the pulses. #### B. Feedback and Monitoring Most "FAX-R" variants include specialized signal wires: * **Tachometer (FG) Signal:** A frequency generator output that tells the external system exactly how fast the motor is spinning. * **Locked Rotor Protection:** An internal circuit that cuts power if the motor is physically obstructed, preventing the coils from burning out. #### C. Thermal Management * **Thermistor/Thermal Cutoff:** High-end models often include a surface-mount thermistor to monitor internal temperatures and reduce speed if the unit overheats. --- ### 3. Connection Pinout (Typical) The MAH72FAX-R usually features a 3-wire or 4-wire interface: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC (+) | Positive Power Supply | | **Black** | GND (-) | Ground Reference | | **Yellow/White** | FG / Tach | Speed feedback signal (1 pulse per rotation) | | **Blue** | PWM | Speed control input (if 4-wire version) | --- ### 4. Applications Due to its construction, it is primarily used in: 1. **Server Chassis:** High static pressure for cooling dense electronics. 2. **Industrial Inverters:** Cooling high-power switching components. 3. **Medical Devices:** Precision airflow for respiratory or diagnostic equipment.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage for the MAH72FAX-R variant?
    • ⤷ How do I interpret the 'FG' signal for speed monitoring?
    • ⤷ What are the physical dimensions and mounting hole patterns for this motor?