Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH72FBA-R

  • AI
    The **MAH72FBA-R** is a high-performance **Brushless DC (BLDC) Motor** integrated with a driver, typically manufactured by **Oriental Motor** as part of their **AXH Series**. These components are designed for high-speed stability and compact automation applications. --- ### 1. Core Technical Specifications The following table summarizes the primary electronic and mechanical characteristics of the MAH72FBA-R: | Parameter | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Output Power** | 100 Watts (1/8 HP) | | **Frame Size** | 90 mm (3.54 in.) | | **Rated Speed** | 3000 r/min | | **Speed Control Range** | 100 to 3000 r/min | | **Shaft Type** | Round Shaft (Standard) | | **IP Rating** | IP65 (Motor portion, excluding mounting surface) | --- ### 2. Key Electronic Components & Features #### A. Internal Feedback System Unlike standard DC motors, the MAH72FBA-R utilizes internal **Hall Effect Sensors**. These sensors detect the position of the permanent magnet rotor and send signals back to the driver to ensure: * Precise commutation of the phases. * Stable speed maintenance even if the load fluctuates (Speed Regulation: ±0.5% or less). #### B. The Driver/Controller Interface The motor is designed to work with a dedicated AXH series driver. The electronic interface usually includes: * **Speed Potentiometer:** For manual analog speed adjustment. * **External DC Voltage Control:** Allows a PLC or external controller to set speed via a 0-5V or 0-10V signal. * **I/O Signals:** * *Start/Stop & Run/Brake:* Digital inputs for motion control. * *Speed Output (Pulse):* A frequency signal used by external logic to monitor the actual RPM. --- ### 3. Advantages of the MAH72FBA-R Electronics 1. **Energy Efficiency:** Because it uses permanent magnets, there is no energy loss to create a rotor magnetic field (unlike induction motors). 2. **Constant Torque:** It provides flat torque characteristics from low to high speeds. 3. **Slim Profile:** The high power density allows for a shorter motor body compared to AC motors of the same output power. 4. **Protection Circuits:** The integrated electronics usually feature overcurrent, overvoltage, and thermal protection logic to prevent motor burnout. --- ### 4. Wiring Overview (Simplified) ```markdown [Driver Terminal] <--------> [Function] VCC / GND DC Power Input (typically 24VDC) F-IN / R-IN Direction Control (Forward/Reverse) SPEED-OUT Pulse signal for RPM monitoring ALM Alarm output for error detection ```
    ✨ Follow-up Questions
    • ⤷ What is the required input voltage for the MAH72FBA-R driver?
    • ⤷ Can this motor be used for positioning tasks like a stepper motor?
    • ⤷ What are the common failure codes for the AXH series drivers?